Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECHXATHC Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
119
Package Description
TDO
AF28
O
OVDD
—
TMS
AH27
I
OVDD
12
TRST
AH23
I
OVDD
12
DFT
L1_TSTCLK
AC25
I
OVDD
25
L2_TSTCLK
AE22
I
OVDD
25
LSSD_MODE
AH20
I
OVDD
25
TEST_SEL
AH14
I
OVDD
25
Thermal Management
THERM0
AG1
—
—
14
THERM1
AH1
—
—
14
Power Management
ASLEEP
AH18
O
OVDD
9, 19,
29
Power and Ground Signals
GND
A11, B7, B24, C1, C3, C5, C12, C15, C26, D8,
D11, D16, D20, D22, E1, E5, E9, E12, E15, E17,
F4, F26, G12, G15, G18, G21, G24, H2, H6, H8,
H28, J4, J12, J15, J17, J27, K7, K9, K11, K27,
L3, L5, L12, L16, N11, N13, N15, N17, N19, P4,
P9, P12, P14, P16, P18, R11, R13, R15, R17,
R19, T4, T12, T14, T16, T18, U8, U11, U13,
U15, U17, U19, V4, V12, V18, W6, W19, Y4, Y9,
Y11, Y19, AA6, AA14, AA17, AA22, AA23, AB4,
AC2, AC11, AC19, AC26, AD5, AD9, AD22,
AE3, AE14, AF6, AF10, AF13, AG8, AG27,
K28, L24, L26, N24, N27, P25, R28, T24, T26,
U24, V25, W28, Y24, Y26, AA24, AA27, AB25,
AC28, L21, L23, N22, P20, R23, T21, U22, V20,
W23, Y21, U27
——
—
OVDD
V16, W11, W14, Y18, AA13, AA21, AB11,
AB17, AB24, AC4, AC9, AC21, AD6, AD13,
AD17, AD19, AE10, AE8, AE24, AF4, AF12,
AF22, AF27, AG26
Power for PCI
and other
standards
(3.3 V)
OVDD
—
LVDD
N8, R7, T9, U6
Power for
TSEC1 and
TSEC2
(2.5 V, 3.3 V)
LVDD
—
TVDD
W9, Y6
Power for
TSEC3 and
TSEC4
(2,5 V, 3.3 V)
TVDD
—
Table 73. MPC8545E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com