Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECHXATHC Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
121
Package Description
Table 74 provides the pin-out listing for the MPC8543E 783 FC-PBGA package.
NOTE
All note references in the following table use the same numbers as those for
Table 71. See Table 71 for the meanings of these notes.
SD_IMP_CAL_RX
L28
I
200
 to
GND
—
SD_IMP_CAL_TX
AB26
I
100
 to
GND
—
SD_PLL_TPA
U26
O
—
24
Note: All note references in this table use the same numbers as those for Table 71. See Table 71 for the meanings of these
notes.
Table 74. MPC8543E Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI1 (One 32-Bit)
Reserved
AB14, AC15, AA15, Y16, W16, AB16, AC16,
AA16, AE17, AA18, W18, AC17, AD16, AE16,
Y17, AC18,
——
110
GPOUT[8:15]
AB18, AA19, AB19, AB21, AA20, AC20, AB20,
AB22
OOVDD
—
GPIN[8:15]
AC22, AD21, AB23, AF23, AD23, AE23, AC23,
AC24
IOVDD
111
PCI1_AD[31:0]
AH6, AE7, AF7, AG7, AH7, AF8, AH8, AE9,
AH9, AC10, AB10, AD10, AG10, AA10, AH10,
AA11, AB12, AE12, AG12, AH12, AB13, AA12,
AC13, AE13, Y14, W13, AG13, V14, AH13,
AC14, Y15, AB15
I/O
OVDD
17
Reserved
AF15, AD14, AE15, AD15
—
—
110
PCI1_C_BE[3:0]
AF9, AD11, Y12, Y13
I/O
OVDD
17
Reserved
W15
—
—
110
PCI1_GNT[4:1]
AG6, AE6, AF5, AH5
O
OVDD
5, 9, 35
PCI1_GNT0
AG5
I/O
OVDD
—
PCI1_IRDY
AF11
I/O
OVDD
2
PCI1_PAR
AD12
I/O
OVDD
—
PCI1_PERR
AC12
I/O
OVDD
2
PCI1_SERR
V13
I/O
OVDD
2, 4
PCI1_STOP
W12
I/O
OVDD
2
Table 73. MPC8545E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com