Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1184ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1184ARMZ
Description  0.8% Accurate Quad Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1184ARMZ Datasheet(HTML) 4 Page - Analog Devices

  ADM1184ARMZ Datasheet HTML 1Page - Analog Devices ADM1184ARMZ Datasheet HTML 2Page - Analog Devices ADM1184ARMZ Datasheet HTML 3Page - Analog Devices ADM1184ARMZ Datasheet HTML 4Page - Analog Devices ADM1184ARMZ Datasheet HTML 5Page - Analog Devices ADM1184ARMZ Datasheet HTML 6Page - Analog Devices ADM1184ARMZ Datasheet HTML 7Page - Analog Devices ADM1184ARMZ Datasheet HTML 8Page - Analog Devices ADM1184ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM1184
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
VCC Pin
−0.3 V to +6 V
VINx Pins
−0.3 V to +6 V
OUTx, PWRGD Pins
−0.3 V to +6 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Soldering (10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
10-Lead MSOP
137.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com