Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1184ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1184ARMZ
Description  0.8% Accurate Quad Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1184ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADM1184ARMZ Datasheet HTML 1Page - Analog Devices ADM1184ARMZ Datasheet HTML 2Page - Analog Devices ADM1184ARMZ Datasheet HTML 3Page - Analog Devices ADM1184ARMZ Datasheet HTML 4Page - Analog Devices ADM1184ARMZ Datasheet HTML 5Page - Analog Devices ADM1184ARMZ Datasheet HTML 6Page - Analog Devices ADM1184ARMZ Datasheet HTML 7Page - Analog Devices ADM1184ARMZ Datasheet HTML 8Page - Analog Devices ADM1184ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
0.8% Accurate Quad Voltage Monitor
ADM1184
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Powered from 2.7 V to 5.5 V on the VCC pin
Monitors 4 supplies via 0.8% accurate comparators
4 inputs can be programmed to monitor different voltage
levels with external resistor dividers
3 open-drain enable outputs (OUT1, OUT2, and OUT3)
Open-drain power-good output (PWRGD)
Internal 190 ms delay associated with assertion of PWRGD
10-lead MSOP
APPLICATIONS
Monitor and alarm functions
Telecommunications
Microprocessor systems
PC/servers
FUNCTIONAL BLOCK DIAGRAM
VIN1
REF = 0.6V
OUT1
VIN2
REF = 0.6V
OUT2
VIN3
REF = 0.6V
OUT3
VIN4
REF = 0.6V
PWRGD
GND
POWER AND
REFERENCE
GENERATOR
REF = 0.6V
INTERNAL
LOGIC
VCC
ADM1184
Figure 1.
GENERAL DESCRIPTION
The ADM1184 is an integrated, 4-channel voltage-monitoring
device. A 2.7 V to 5.5 V power supply is required on the VCC pin
to power the device.
Four precision comparators monitor four voltage rails.
Each comparator has a 0.6 V reference with a worst-case
accuracy of 0.8%. Resistor networks that are external to the
VIN1, VIN2, VIN3, and VIN4 pins set the trip points for
the monitored supply rails.
The ADM1184 has four open-drain outputs. OUT1 to OUT3
can be used to enable power supplies, and PWRGD is a
common power-good output.
OUT1 to OUT3 are dependent on their associated VINx input
(that is, VIN1, VIN2, or VIN3). If a supply monitored by VINx
drops below its programmed threshold, the associated OUTx pin
and PWRGD are disabled.
PWRGD is a common power-good output indicating the status
of all monitored supplies. There is an internal 190 ms (typical)
delay associated with the assertion of the PWRGD output. If
VIN1, VIN2, VIN3, or VIN4 drops below its programmed
threshold, PWRGD is deasserted immediately.
The ADM1184 is available in a 10-lead mini small outline
package (MSOP).


Similar Part No. - ADM1184ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ-REEL71 AD-ADM1184ARMZ-REEL71 Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ1 AD-ADM1184ARMZ1 Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
More results

Similar Description - ADM1184ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
Quad Voltage Monitor and Sequencer
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
ADM1184 AD-ADM1184 Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
logo
Intersil Corporation
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
Quad Voltage Monitor
April 29, 2010
logo
Maxim Integrated Produc...
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
logo
Analog Devices
EVAL-ADM1184 AD-EVAL-ADM1184 Datasheet
287Kb / 8P
Evaluation Kit for ADM1184 짹0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
Quad Voltage Monitor and Sequencer
REV. B
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
Quad Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com