Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1184ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1184ARMZ
Description  0.8% Accurate Quad Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1184ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1184ARMZ Datasheet HTML 2Page - Analog Devices ADM1184ARMZ Datasheet HTML 3Page - Analog Devices ADM1184ARMZ Datasheet HTML 4Page - Analog Devices ADM1184ARMZ Datasheet HTML 5Page - Analog Devices ADM1184ARMZ Datasheet HTML 6Page - Analog Devices ADM1184ARMZ Datasheet HTML 7Page - Analog Devices ADM1184ARMZ Datasheet HTML 8Page - Analog Devices ADM1184ARMZ Datasheet HTML 9Page - Analog Devices ADM1184ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM1184
Rev. 0 | Page 6 of 12
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
SUPPLY VOLTAGE (V)
TYPICAL PERFORMANCE CHARACTERISTICS
50
0
5
10
15
20
25
30
35
40
45
05.5
280
260
240
220
200
180
160
140
120
2.7
5.5
5.3
5.1
4.9
4.7
4.5
4.3
4.1
3.9
3.5 3.7
3.3
3.1
2.9
SUPPLY VOLTAGE (V)
100mV OVERDRIVE
Figure 3. Supply Current vs. Supply Voltage
50
0
5
10
15
20
25
30
35
40
45
–40
90
70
80
60
50
40
30
20
10
0
–10
–20
–30
TEMPERATURE (°C)
VCC = 2.7V
VCC = 3.3V
VCC = 5V
Figure 4. Supply Current vs. Temperature
280
260
240
220
200
180
160
140
120
–40 –30 –20 –10
0
90
80
70
60
50
40
30
20
10
TEMPERATURE (°C)
VCC = 3.3V, 100mV OVERDRIVE
Figure 5. All Inputs High to PWRGD Rising Delay vs. Temperature
Figure 6. All Inputs High to PWRGD Rising Delay vs. Supply Voltage
50
45
40
35
30
25
20
15
10
5
0
–40
90
80
70
60
50
40
30
20
010
–10
–20
–30
TEMPERATURE (°C)
VCC = 3.3V, 100mV OVERDRIVE
Figure 7. VIN1/VIN2/VIN3 to OUT1/OUT2/OUT3 Rising Delay vs. Temperature
50
45
40
35
30
25
20
15
10
5
0
2.7
5.5
5.1 5.3
4.9
4.7
4.5
4.3
4.1
3.9
3.5 3.7
3.3
3.1
2.9
SUPPLY VOLTAGE (V)
100mV OVERDRIVE
Figure 8. VIN1/VIN2/VIN3 to OUT1/OUT2/OUT3 Rising Delay vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com