Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1184ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1184ARMZ
Description  0.8% Accurate Quad Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1184ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1184ARMZ Datasheet HTML 3Page - Analog Devices ADM1184ARMZ Datasheet HTML 4Page - Analog Devices ADM1184ARMZ Datasheet HTML 5Page - Analog Devices ADM1184ARMZ Datasheet HTML 6Page - Analog Devices ADM1184ARMZ Datasheet HTML 7Page - Analog Devices ADM1184ARMZ Datasheet HTML 8Page - Analog Devices ADM1184ARMZ Datasheet HTML 9Page - Analog Devices ADM1184ARMZ Datasheet HTML 10Page - Analog Devices ADM1184ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM1184
Rev. 0 | Page 7 of 12
60
50
40
30
20
10
0
2.7
5.5
5.1 5.3
4.9
4.7
4.5
4.3
4.1
3.9
3.5 3.7
3.3
3.1
2.9
SUPPLY VOLTAGE (V)
100mV OVERDRIVE
Figure 9. VINx to Output Falling Delay vs. Supply Voltage
50
40
30
20
10
0
–40 –30 –20 –10
0
1020304050607080
90
TEMPERATURE (°C)
VCC = 3.3V, 100mV OVERDRIVE
Figure 10. VINx to Output Falling Delay vs. Temperature
0.610
0.590
0.592
0.594
0.596
0.598
0.600
0.602
0.604
0.606
0.608
–40
90
70
80
60
50
40
30
20
10
0
–10
–20
–30
TEMPERATURE (°C)
Figure 11. VINx Trip Threshold vs. Temperature
180
160
140
120
100
80
60
40
20
0
01
90
70
80
60
50
40
30
20
10
INPUT OVERDRIVE (mV)
00
Figure 12. Trip Threshold Maximum Transient Duration vs. Input Overdrive
200
180
160
140
120
100
80
60
40
20
0
0
102030405060708090
100
INPUT OVERDRIVE (mV)
APPLICABLE TO
CHANNEL 1,
CHANNEL 2,
AND CHANNEL 3
Figure 13. Propagation Delay vs. Input Overdrive
400
350
300
250
200
150
100
50
0
02
22
20
18
16
14
12
10
8
6
4
2
OUTPUT SINK CURRENT (mA)
4
Figure 14. Output Low Voltage vs. Output Sink Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com