Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7478 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7478
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7478 Datasheet(HTML) 4 Page - Analog Devices

  AD7478 Datasheet HTML 1Page - Analog Devices AD7478 Datasheet HTML 2Page - Analog Devices AD7478 Datasheet HTML 3Page - Analog Devices AD7478 Datasheet HTML 4Page - Analog Devices AD7478 Datasheet HTML 5Page - Analog Devices AD7478 Datasheet HTML 6Page - Analog Devices AD7478 Datasheet HTML 7Page - Analog Devices AD7478 Datasheet HTML 8Page - Analog Devices AD7478 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 4 of 24
Parameter
A Version1,2
B Version1,2
S Version1,2
Unit
Test Conditions/Comments
CONVERSION RATE
Conversion Time
0.8
1.33
1.33
μs max
16 SCLK cycles
Track-and-Hold Acquisition Time
500
500
500
ns max
Full-scale step input
350
400
400
ns max
Sine wave input ≤ 100 kHz
Throughput Rate
1000
600
600
kSPS max
See Serial Interface section
POWER REQUIREMENTS
VDD
2.35/5.25
2.35/5.25
2.35/5.25
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Static)
2
2
2
mA typ
VDD = 4.75 V to 5.25 V, SCLK on or off
1
1
1
mA typ
VDD = 2.35 V to 3.6 V, SCLK on or off
Normal Mode (Operational)
3.5
3
3
mA max
VDD = 4.75 V to 5.25 V,
fSAMPLE = fSAMPLEMAX6
1.6
1.4
1.4
mA max
VDD = 2.35 V to 3.6 V,
fSAMPLE = fSAMPLEMAX6
Full Power-Down Mode
1
1
1
μA max
SCLK off
80
80
80
μA max
SCLK on
Power Dissipation7
Normal Mode (Operational)
17.5
15
15
mW max
VDD = 5 V, fSAMPLE = fSAMPLEMAX6
4.8
4.2
4.2
mW max
VDD = 3 V, fSAMPLE = fSAMPLEMAX6
Full Power-Down
5
5
5
μW max
VDD = 5 V, SCLK off
3
3
3
μW max
VDD = 3 V, SCLK off
1 Temperature range for A and B versions is −40°C to +85°C; temperature range for S version is −55°C to +125°C.
2 Operational from VDD = 2.0 V.
3 See the Terminology section.
4 Maximum B and S version specifications apply as typical figures when VDD = 5.25 V.
5 Guaranteed by characterization.
6 For A version: fSAMPLEMAX = 1 MSPS; B and S versions: fSAMPLEMAX = 600 kSPS.
7 See the Power vs. Throughput Rate section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com