Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7478 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7478
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7478 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7478 Datasheet HTML 12Page - Analog Devices AD7478 Datasheet HTML 13Page - Analog Devices AD7478 Datasheet HTML 14Page - Analog Devices AD7478 Datasheet HTML 15Page - Analog Devices AD7478 Datasheet HTML 16Page - Analog Devices AD7478 Datasheet HTML 17Page - Analog Devices AD7478 Datasheet HTML 18Page - Analog Devices AD7478 Datasheet HTML 19Page - Analog Devices AD7478 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 16 of 24
To exit this mode of operation and power up the AD7476/
AD7477/AD7478 again, perform a dummy conversion. On the
falling edge of CS, the device begins to power up, and continues
to power up as long as CS is held low until after the falling edge
of the tenth SCLK. The device is fully powered up once 16
SCLKs have elapsed and, as shown in
, valid data
results from the next conversion. If
Figure 21
CS is brought high before
the tenth falling edge of SCLK, the AD7476/AD7477/AD7478
again goes back into power-down. This avoids accidental
power-up due to glitches on the CS line or an inadvertent burst
of eight SCLK cycles while CS is low. Although the device may
begin to power up on the falling edge of CS, it powers down
again on the rising edge of CS as long as it occurs before the
tenth SCLK falling edge.
Power-Down Mode
This mode is intended for use in applications where slower
throughput rates are required; either the ADC is powered
between each conversion, or a series of conversions can be
performed at a high throughput rate and the ADC is then
powered down for a relatively long duration between these
bursts of several conversions. When the AD7476/AD7477/
AD7478 is in power-down mode, all analog circuitry is
powered down.
To enter power-down, the conversion process must be
interrupted by bringing CS high any time after the second
falling edge of SCLK and before the tenth falling edge of SCLK,
as shown in
. Once
Figure 20
CS is brought high in this window
of SCLKs, the part enters power-down and the conversion
initiated by the falling edge of CS is terminated and SDATA
goes back into three-state.
If CS is brought high before the second SCLK falling edge, the
part remains in normal mode and does not power down. This
avoids accidental power-down due to glitches on the CS line.
4 LEADING ZEROS + CONVERSION RESULT
CS
SCLK
SDATA
1
10
16
Figure 19. Normal Mode Operation
110
16
2
THREE-STATE
CS
SCLK
SDATA
Figure 20. Entering Power-Down Mode
16
10
1
16
1
A
CS
SCLK
SDATA
INVALID DATA
VALID DATA
THE PART BEGINS
TO POWER UP
THE PART IS FULLY POWERED
UP WITH VIN FULLY ACQUIRED
Figure 21. Exiting Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com