Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7478 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7478
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7478 Datasheet(HTML) 3 Page - Analog Devices

  AD7478 Datasheet HTML 1Page - Analog Devices AD7478 Datasheet HTML 2Page - Analog Devices AD7478 Datasheet HTML 3Page - Analog Devices AD7478 Datasheet HTML 4Page - Analog Devices AD7478 Datasheet HTML 5Page - Analog Devices AD7478 Datasheet HTML 6Page - Analog Devices AD7478 Datasheet HTML 7Page - Analog Devices AD7478 Datasheet HTML 8Page - Analog Devices AD7478 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 3 of 24
SPECIFICATIONS
AD7476 SPECIFICATIONS
A version: VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS, unless otherwise noted; S and B versions: VDD = 2.35 V to 5.25 V,
fSCLK = 12 MHz, fSAMPLE = 600 kSPS, unless otherwise noted; TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
A Version1,2
B Version1,2
S Version1,2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 100 kHz sine wave
Signal-to-(Noise + Distortion) (SINAD)3
69
70
69
dB min
B version, VDD = 2.4 V to 5.25 V
70
70
dB min
TA = 25°C
71.5
dB typ
Signal-to-Noise Ratio (SNR)3
70
71
70
dB min
B version, VDD = 2.4 V to 5.25 V
72.5
dB typ
Total Harmonic Distortion (THD)3
−80
−78
−78
dB typ
Peak Harmonic or Spurious Noise (SFDR)3
−82
−80
−80
dB typ
Intermodulation Distortion (IMD)3
Second-Order Terms
−78
−78
−78
dB typ
fa = 103.5 kHz, fb = 113.5 kHz
Third-Order Terms
−78
−78
−78
dB typ
fa = 103.5 kHz, fb = 113.5 kHz
Aperture Delay
10
10
10
ns typ
Aperture Jitter
30
30
30
ps typ
Full Power Bandwidth
6.5
6.5
6.5
MHz typ
@ 3 dB
DC ACCURACY
S, B versions, VDD = (2.35 V to 3.6 V)4;
A version, VDD = (2.7 V to 3.6 V)
Resolution
12
12
12
Bits
Integral Nonlinearity3
±1.5
±1.5
LSB max
±1
±0.6
±0.6
LSB typ
Differential Nonlinearity3
−0.9/+1.5
−0.9/+1.5
LSB max
Guaranteed no missed codes to 12 bits
±0.75
±0.75
±0.75
LSB typ
Offset Error3
±1.5
±2
LSB max
±0.5
LSB typ
Gain Error3
±1.5
±2
LSB max
±0.5
LSB typ
ANALOG INPUT
Input Voltage Ranges
0 to VDD
0 to VDD
0 to VDD
V
DC Leakage Current
±1
±1
±1
μA max
Input Capacitance
30
30
30
pF typ
LOGIC INPUT
Input High Voltage, VINH
2.4
2.4
2.4
V min
1.8
1.8
1.8
V min
VDD = 2.35 V
Input Low Voltage, VINL
0.4
0.4
0.4
V max
VDD = 3 V
0.8
0.8
0.8
V max
VDD = 5 V
Input Current, IIN, SCLK Pin
±1
±1
±1
μA max
Typically 10 nA, VIN = 0 V or VDD
Input Current, IIN, CS Pin
±1
±1
±1
μA typ
Input Capacitance, CIN5
10
10
10
pF max
LOGIC OUTPUT
Output High Voltage, VOH
VDD − 0.2
VDD − 0.2
VDD − 0.2
V min
ISOURCE = 200 μA; VDD = 2.35 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±10
±10
±10
μA max
Floating-State Output Capacitance5
10
10
10
pF max
Output Coding
Straight (Natural) Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com