Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7478 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7478
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7478 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7478 Datasheet HTML 9Page - Analog Devices AD7478 Datasheet HTML 10Page - Analog Devices AD7478 Datasheet HTML 11Page - Analog Devices AD7478 Datasheet HTML 12Page - Analog Devices AD7478 Datasheet HTML 13Page - Analog Devices AD7478 Datasheet HTML 14Page - Analog Devices AD7478 Datasheet HTML 15Page - Analog Devices AD7478 Datasheet HTML 16Page - Analog Devices AD7478 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 13 of 24
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7476/AD7477/AD7478 are, respectively, 12-bit, 10-bit,
and 8-bit, fast, micropower, single-supply ADCs. The parts can
be operated from a 2.35 V to 5.25 V supply. When operated
from either a 5 V supply or a 3 V supply, the AD7476/AD7477/
AD7478 are capable of throughput rates of 1 MSPS when
provided with a 20 MHz clock.
Each AD7476/AD7477/AD7478 provides an on-chip, track-
and-hold ADC and a serial interface housed in a tiny 6-lead
SOT-23 package, which offers considerable space-saving
advantages. The serial clock input accesses data from the part
and provides the clock source for the successive-approximation
ADC. The analog input range is 0 V to VDD. An external
reference is not required for the ADC, nor is there a reference
on-chip. The reference for the AD7476/AD7477/AD7478 is
derived from the power supply and thus provides the widest
dynamic input range.
The AD7476/AD7477/AD7478 also feature a power-down
option to save power between conversions. The power-down
feature is implemented across the standard serial interface as
described in the Modes of Operation section.
CONVERTER OPERATION
The AD7476/AD7477/AD7478 are successive-approximation
analog-to-digital converters based around a charge redistribu-
tion DAC. Figure 1 and Figure 11 show simplified schematics
of the ADC. Figure 10 shows the ADC during its acquisition
phase. SW2 is closed and SW1 is in Position A, the comparator
is held in a balanced condition, and the sampling capacitor
acquires the signal on VIN.
COMPARATOR
SAMPLING
CAPACITOR
ACQUISITION
PHASE
A
B
AGND
SW1
SW2
VIN
VDD/2
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 10. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 11), SW2 opens
and SW1 moves to Position B, causing the comparator to
become unbalanced. The control logic and the charge redistri-
bution DAC are used to add and subtract fixed amounts of
charge from the sampling capacitor to bring the comparator
back into a balanced condition. When the comparator is rebal-
anced, the conversion is complete. The control logic generates
the ADC output code. Figure 12 and Figure 13 show the ADC
transfer function.
COMPARATOR
SAMPLING
CAPACITOR
CONVERSION
PHASE
A
B
AGND
SW1
SW2
VIN
VDD/2
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 11. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding of the AD7476/AD7477/AD7478 is straight
binary. For the AD7476/AD7477, designed code transitions
occur midway between successive integer LSB values, such as ½
LSB, 1½ LSB, and so on. The LSB size for the AD7476 is
VDD/4096, and the LSB size for the AD7477 is VDD/1024. The
ideal transfer characteristic for the AD7476/AD7477 is shown
in Figure 12.
For the AD7478, designed code transitions occur midway
between successive integer LSB values, such as 1 LSB, 2 LSB,
and so on. The LSB size for the AD7478 is VDD/256. The ideal
transfer characteristic for the AD7478 is shown in Figure 13.
ANALOG INPUT
111 ... 111
0V
0.5LSB
+VDD – 1.5LSB
111 ... 110
111 ... 000
011 ... 111
000 ... 010
000 ... 001
000 ... 000
1LSB = VDD/4096 (AD7476)
1LSB = VDD/1024 (AD7477)
Figure 12. Transfer Characteristic for the AD7476/AD7477
ANALOG INPUT
111 ... 111
0V
1LSB
+VDD – 1LSB
111 ... 110
111 ... 000
011 ... 111
000 ... 010
000 ... 001
000 ... 000
1LSB = VDD/256 (AD7478)
Figure 13. Transfer Characteristic for AD7478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com