Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7476BRTZ-R23 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7476BRTZ-R23
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7476BRTZ-R23 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7476BRTZ-R23 Datasheet HTML 4Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 5Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 6Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 7Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 8Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 9Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 10Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 11Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 8 of 24
Parameter
A Version1,2
S Version1,2
Unit
Test Conditions/Comments
Power Dissipation5
Normal Mode (Operational)
17.5
17.5
mW max
VDD = 5 V, fSAMPLE = 1 MSPS
4.8
4.8
mW max
VDD = 3 V, fSAMPLE = 1 MSPS
Full Power-Down
5
5
μW max
VDD = 5 V, SCLK off
1 Temperature range for A version is −40°C to +85°C; temperature range for S version is −55°C to +125°C.
2 Operational from VDD = 2.0 V, with input high voltage, VINH = 1.8 V minimum.
3 See the Terminology section.
4 Guaranteed by characterization.
5 See the Power vs. Throughput Rate section.
TIMING SPECIFICATIONS
VDD = 2.35 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted.
Table 4.
Limit at TMIN, TMAX1
Parameter2,3
3 V
5 V
Unit
Description
fSCLK4
10
10
kHz min
20
20
MHz
max
A version
12
12
MHz
max
B version
tCONVERT
16 × tSCLK
16 × tSCLK
tQUIET
50
50
ns min
Minimum quiet time required between bus relinquish and start of next conversion
t1
10
10
ns min
Minimum CS pulsewidth
t2
10
10
ns min
CS to SCLK setup time
t35
20
20
ns max
Delay from CS until SDATA three-state disabled
t45
40
20
ns max
Data access time after SCLK falling edge, A version
70
20
ns max
Data access time after SCLK falling edge, B version
t5
0.4 ×
tSCLK
0.4 ×
tSCLK
ns min
SCLK low pulsewidth
t6
0.4 ×
tSCLK
0.4 ×
tSCLK
ns min
SCLK high pulsewidth
t7
10
10
ns min
SCLK to data valid hold time
t86
10
10
ns min
SCLK falling edge to SDATA high impedance
25
25
ns max
SCLK falling edge to SDATA high impedance
tPOWER-UP7
1
1
μs typ
Power-up time from full power-down
1 3 V specifications apply from VDD = 2.7 V to 3.6 V for A version; 3 V specifications apply from VDD = 2.35 V to 3.6 V for B version; 5 V specifications apply from
VDD = 4.75 V to 5.25 V.
2 Guaranteed by characterization. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
3 Version A timing specifications apply to the AD7477 and AD7478 S version; B version timing specifications apply to the AD7476 S version.
4 Mark/space ratio for the SCLK input is 40/60 to 60/40.
5 Measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.0 V.
6 t8 is derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit in Figure 2. The measured number is then extrapolated to
remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, is the true bus relinquish time of the part and is independent of the bus
loading.
7 See Power-Up Time section.
200µA
IOL
200µA
IOH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com