Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7476BRTZ-R23 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7476BRTZ-R23
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7476BRTZ-R23 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7476BRTZ-R23 Datasheet HTML 7Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 8Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 9Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 10Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 11Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 12Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 13Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 14Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
500
450
400
350
300
250
200
150
100
50
FREQUENCY (kHz)
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 49.82dB
THD = –75.22dB
SFDR = –67.78dB
–15
–35
–55
–75
–95
–115
0
500
450
400
350
300
250
200
150
100
50
FREQUENCY (kHz)
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 71.67dB
THD = –81.00dB
SFDR = –81.63dB
Figure 4. AD7476 Dynamic Performance at 1 MSPS
Figure 7. AD7478 Dynamic Performance at 1 MSPS
–66
–73
–72
–71
–70
–69
–68
–67
10k
1M
100k
INPUT FREQUENCY (kHz)
VDD = 2.35V
SCLK = 20MHz
VDD = 2.7V
VDD = 5.25V
VDD = 3.6V
VDD = 4.75V
–15
–35
–55
–75
–95
–115
0
300
250
200
150
100
50
FREQUENCY (kHz)
8192 POINT FFT
fSAMPLE = 600kSPS
fIN = 100kHz
SINAD = 71.71dB
THD = –80.88dB
SFDR = –83.23dB
Figure 5. AD7476 Dynamic Performance at 600 kSPS
Figure 8. AD7476 SINAD vs. Input Frequency at 993 kSPS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
500
450
400
350
300
250
200
150
100
50
FREQUENCY (kHz)
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kHz
SINAD = 61.66dB
THD = –80.64dB
SFDR = –85.75dB
–69.0
–72.5
–72.0
–71.5
–71.0
–70.5
–70.0
–69.5
10k
1M
100k
INPUT FREQUENCY (kHz)
SCLK = 12MHz
VDD = 2.35V
VDD = 2.7V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
Figure 6. AD7477 Dynamic Performance at 1 MSPS
Figure 9. AD7476 SINAD vs. Input Frequency at 605 kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com