Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7476BRTZ-R23 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7476BRTZ-R23
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7476BRTZ-R23 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7476BRTZ-R23 Datasheet HTML 6Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 7Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 8Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 9Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 10Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 11Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 12Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 13Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 10 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VDD
6
CS
2
GND
5
SDATA
3
VIN
4
SCLK
AD7476/
AD7477/
AD7478
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. The VDD range for the AD7476/AD7477/AD7478 is from 2.35 V to 5.25 V.
2
GND
Analog Ground. Ground reference point for all circuitry on the part. All analog input signals should be referred to this
GND voltage.
3
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
4
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also used as
the clock source for the AD7476/AD7477/AD7478 conversion process.
5
SDATA
Data Out. Logic output. The conversion result is provided on this output as a serial data stream. The bits are clocked
out on the falling edge of the SCLK input. The data stream from the AD7476 consists of four leading zeros followed by
the 12 bits of conversion data; this is provided MSB first. The data stream from the AD7477 consists of four leading
zeros followed by the 10 bits of conversion data, followed by two trailing zeros, which is also provided MSB first. The
data stream from the AD7478 consists of four leading zeros followed by the eight bits of conversion data, followed by
four trailing zeros, which is provided MSB first.
6
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the
AD7476/AD7477/AD7478 and framing the serial data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com