Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7476BRTZ-R23 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7476BRTZ-R23
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7476BRTZ-R23 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7476BRTZ-R23 Datasheet HTML 16Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 17Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 18Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 19Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 20Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 21Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 22Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 23Page - Analog Devices AD7476BRTZ-R23 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 22 of 24
ORDERING GUIDE
Model
Temperature Range
Linearity Error (LSB)1
Package Option2
Branding
AD7476ARTZ-500RL73
−40°C to +85°C
±1 typical
RJ-6
CEA#
AD7476ARTZ-REEL3
−40°C to +85°C
±1 typical
RJ-6
CEA#
AD7476ARTZ-REEL73
−40°C to +85°C
±1 typical
RJ-6
CEA#
AD7476BRTZ-R23
−40°C to +85°C
±1.5 maximum
RJ-6
CEB#
AD7476BRTZ-REEL3
−40°C to +85°C
±1.5 maximum
RJ-6
CEB#
AD7476BRTZ-REEL73
−40°C to +85°C
±1.5 maximum
RJ-6
CEB#
AD7476SRTZ-500RL73
−55°C to +125°C
±1.5 maximum
RJ-6
CES#
AD7476SRTZ-R23
−55°C to +125°C
±1.5 maximum
RJ-6
CES#
AD7476SRTZ-REEL3
−55°C to +125°C
±1.5 maximum
RJ-6
CES#
AD7476SRTZ-REEL73
−55°C to +125°C
±1.5 maximum
RJ-6
CES#
AD7476WARJZ-RL73, 4
−40°C to +85°C
±1 typical
RJ-6
CEA#
AD7477ARTZ-500RL73
−40°C to +85°C
±1 maximum
RJ-6
C465
AD7477ARTZ-REEL3
−40°C to +85°C
±1 maximum
RJ-6
C465
AD7477ARTZ-REEL73
−40°C to +85°C
±1 maximum
RJ-6
C465
AD7477SRTZ-REEL3
−55°C to +125°C
±1 maximum
RJ-6
C3F
AD7478ARTZ-500RL73
−40°C to +85°C
±0.5 maximum
RJ-6
C3Z
AD7478ARTZ-REEL3
−40°C to +85°C
±0.5 maximum
RJ-6
C3Z
AD7478ARTZ-REEL73
−40°C to +85°C
±0.5 maximum
RJ-6
C3Z
AD7478SRTZ-REEL73
−55°C to +125°C
±0.5 maximum
RJ-6
C3Y
AD7478WARTZ-RL73, 4
−40°C to +85°C
±0.5 maximum
RJ-6
C3Z
EVAL-AD7476CBZ3, 6
Evaluation Board
EVAL-AD7477CBZ3, 6
Evaluation Board
EVAL-CONTROL BRD27
Control Board
1 Linearity error refers to integral linearity error.
2 RJ = 6-Lead SOT-23.
3 Z = RoHS Compliant Part, # denotes RoHS compliant part maybe top or bottom marked.
4 Qualified for automotive.
5 Prior to 0523 date code, parts are marked with CFA#.
6 This can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
7 This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators. To order a complete
evaluation kit, users need to order the particular ADC evaluation board, such as the EVAL-AD7476CB, the EVAL-CONTROL BRD2, and a 12 V ac transformer. See
relevant evaluation board application note for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com