Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8305ACPZ-R2
Description  100 dB Range (10 nA to 1 mA) ogarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8305ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8305
Rev. B | Page 8 of 24
FREQUENCY (Hz)
10
–50
100
0
–10
–20
–30
–40
1k
10k
100k
1M
10M
100M
1µA
100µA
1mA
10nA
100nA
10µA
Figure 15. Small Signal AC Response (5% Sine Modulation), from IPD to VOUT
(G = 1) for IPD in Decade Steps from 10 nA to 1 mA, IREF = 10 μA
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
10
–50
0
–10
–20
–30
–40
1µA
100µA
1mA
10nA 100nA
10µA
Figure 16. Small Signal AC Response (5% Sine Modulation), from IREF to VOUT
(G = 1) for IREF in Decade Steps from 10 nA to 1 mA, IPD = 10 μA
FREQUENCY (Hz)
10
100
1
100
0.1
0.01
1k
10k
100k
1M
10M
1µA
10µA
10nA
100nA
100µA
Figure 17. Spot Noise Spectral Density at VOUT (G = 1) vs. Frequency for IPD in
Decade Steps from 10 nA to 1 mA
10k
100k
1M
10M
100M
FREQUENCY (Hz)
3
0
–3
–6
–9
–12
AV = 5
AV = 2.5
AV = 2
AV = 1
Figure 18. Small Signal AC Response of the Buffer for Various Closed-Loop
Gains (RL = 1 kΩ CL < 2 pF)
TEMPERATURE (°C)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
90
80
60
40
20
0
–20
10
30
50
70
–10
–30
–40
–2.0
MEAN + 3σ
MEAN – 3σ
Figure 19. Buffer Input Offset Drift vs. Temperature (3σ to Either Side of
Mean)
10n
100n
1µ
10µ
100µ
10m
1m
IPD (A)
6
5
4
3
2
1
0
Figure 20. Total Wideband Noise Voltage at VOUT vs. IPD (G = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com