Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8305ACPZ-R2
Description  100 dB Range (10 nA to 1 mA) ogarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8305ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8305
Rev. B | Page 20 of 24
The setup shown in Figure 44 was used for frequency response
measurements of the logarithmic amplifier section. The
AD8138 output is offset to 1.5 V dc and modulated to a depth
of 5% at frequency. R1 is chosen (over a wide range of values up
to 1.0 GΩ) to provide IPD. The buffer was used to deload VLOG
from the measurement system.
0.1µF
SOURCE
CHANNEL 2
HP 89410A
1nF
1kΩ
1kΩ
1nF
R1
200kΩ
ALKALINE
“D” CELL
ALKALINE
“D” CELL
+–
+–
+–
+
–
AD8305
12
11
10
9
1
2
3
4
57
8
COMM COMM COMM COMM
16
13
14
15
VSUM
VRDZ
VREF
IREF
INPT
VOUT
SCAL
BFIN
VLOG
VNEG VNEG VPOS
6
TRIGGER
CHANNEL 1
Figure 45. Configuration for Noise Spectral Density Measurement
The configuration in Figure 45 is used to measure the noise
performance. Batteries provide both the supply voltage and the
input current to minimize the introduction of spurious noise
and ground loop effects. The entire evaluation system,
including the current setting resistors, is mounted in a closed
aluminum enclosure to provide additional shielding to external
noise sources.
0.1µF
1nF 1kΩ
1kΩ
1nF
R1
200kΩ
CH A
9213
LECROY 9210
CH1
TDS5104
+VS
AD8305
12
11
10
9
1
2
3
4
57
8
COMM COMM COMM COMM
16
13
14
15
VSUM
VRDZ
VREF
IREF
INPT
VOUT
SCAL
BFIN
VLOG
VNEG VNEG VPOS
6
Figure 46. Configuration for Logarithmic Amplifier Pulse Response
Measurement
Figure 46 shows the setup used to make the pulse response
measurements. As with the bandwidth measurement, the
VLOG is connected directly to BFIN and the buffer amplifier is
configured for unity gain. The output of the buffer is connected
through a short cable to the TDS5104 scope with input
impedance set to 1 MΩ. The LeCroy’s output is offset to create
the initial pedestal current for a given value of R1, the pulse
then creates one-decade current step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com