Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8305ACPZ-R2
Description  100 dB Range (10 nA to 1 mA) ogarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8305ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8305
Rev. B | Page 10 of 24
10
8
6
4
2
0
–2
–4
–6
–8
–10
MEAN + 3σ
MEAN – 3σ
TEMPERATURE (°C)
90
80
60
40
20
0
–20
10
30
50
70
–10
–30
–40
Figure 27. Slope Drift vs. Temperature (3σ to Either Side of Mean of
200 mV/decade)
350
250
150
50
–50
–150
–250
–350
MEAN + 3σ
MEAN – 3σ
85
TEMPERATURE (°C)
90
80
60
40
20
0
–20
10
30
50
70
–10
–30
–40
Figure 28. Intercept Drift vs. Temperature (3σ to Either Side of Mean of 1 nA)
SLOPE (mV/dec)
5000
4000
3000
2000
1000
0
190
195
200
205
210
6000
Figure 29. Distribution of Logarithmic Slope (Nominally
200 mV/decade) Sample >22,000
INTERCEPT (nA)
1500
1000
0
0.4
500
4000
3500
3000
2500
2000
0.6
0.8
1.0
1.2
1.4
1.6
Figure 30. Distribution of Logarithmic Intercept (Nominally 1 nA when
RREF = 200 kΩ ± 0.1%) Sample >22,000
VREF (V)
5000
4000
3000
2000
1000
0
7000
6000
2.56
2.44
2.46
2.48
2.50
2.52
2.54
Figure 31. Distribution of VREF (RL = 100 kΩ) Sample >22,000
5000
4000
3000
2000
1000
0
6000
–0.015
–0.010
–0.005
0.005
0.010
0.015
0
VINPT – VSUM VOLTAGE (V)
Figure 32. Distribution of Offset Voltage (VINPT − VSUM) Sample >22,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com