Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8305ACPZ-R2
Description  100 dB Range (10 nA to 1 mA) ogarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8305ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8305
Rev. B | Page 16 of 24
USING A NEGATIVE SUPPLY
Most applications of the AD8305 require only a single supply of
3.0 V to 5.5 V. However, to provide further versatility, dual
supplies may be employed, as illustrated in Figure 37.
BIAS
GENERATOR
VLOG
COMM
VNEG
VSUM
IREF
0.5V
80kΩ
0.5V
TEMPERATURE
COMPENSATION
VBE1
VBE2
6.69kΩ
Q1
COMM
20kΩ
451Ω
VREF
VRDZ
14.2kΩ
Q2
INPT
COMM
2.5V
VPOS
BFIN
SCAL
VOUT
ILOG
IPD
RREF
200kΩ
0.5 log10
IPD
1nA
1nF
1kΩ
VBIAS
1nF
1kΩ
12kΩ
5V
CFLT
10nF
8kΩ
–
+
+
VF
C1
VN
RS ≤
VNEG ≤ –0.5V
–
RS
ISIG = IPD + IREF
Iq + ISIG
VN – VF
Iq + ISIGMAX
Figure 37. Negative Supply Application
The use of a negative supply, VN, allows the summing node to
be placed at ground level whenever the input transistor (Q1 in
Figure 33) has a sufficiently negative bias on its emitter. When
VNEG = −0.5 V, the VCE of Q1 and Q2 is the same as for the
default case when VSUM is grounded. This bias does not need
to be accurate, and a poorly defined source can be used. The
source does, however, need to be able to support the quiescent
current as well as the INPT and IREF signal current. For
example, it may be convenient to utilize a forward-biased
junction voltage of about 0.7 V or a Schottky barrier voltage of a
little over 0.5 V. The effect of supply on the dynamic range and
accuracy can be seen in Figure 10.
With the summing node at ground, the AD8305 may now be
used as a voltage-input log amp at either the numerator input,
INPT, or the denominator input, IREF, by inserting a suitably
scaled resistor from the voltage source to the relevant pin. The
overall accuracy for small input voltages is limited by the
voltage offset at the inputs of the JFET op amps.
The use of a negative supply also allows the output to swing
below ground, thereby allowing the intercept to correspond to a
midrange value of IPD. However, the voltage, VLOG, remains
referenced to the ACOM pin, and while it does not swing
negative for default operating conditions, it is free to do so,
thus, adding a resistor from VLOG to the negative supply
lowers all values of VLOG, which raises the intercept. The
disadvantage of this method is that the slope is reduced by the
shunting of the external resistor, and the poorly defined ratio of
on-chip and off-chip resistances causes errors in both the slope
and the intercept.
BIAS
GENERATOR
VLOG
COMM
VNEG
VSUM
IREF
0.5V
80kΩ
0.5V
TEMPERATURE
COMPENSATION
VBE1
6.69kΩ
Q1
COMM
20kΩ
451Ω
VREF
VRDZ
14.2kΩ
Q2
INPT
COMM
2.5V
VPOS
BFIN
SCAL
VOUT
ILOG
5V
5V
0.5 log10
IPD
IREF
+ 2
IPD
IREF
1kΩ
1nF
1kΩ
1nF
28.0kΩ
44.2kΩ
18nF
REFERENCE
DETECTOR
SIGNAL
DETECTOR
PREF
PSIG
33nF
12.1kΩ
–
+
VBE2
Figure 38. Optical Absorbance Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com