Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8821 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW8821
Description  Notebook PWM Controller with Differential Voltage Feedback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8821 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW8821 Datasheet HTML 9Page - Anpec Electronics Coropration APW8821 Datasheet HTML 10Page - Anpec Electronics Coropration APW8821 Datasheet HTML 11Page - Anpec Electronics Coropration APW8821 Datasheet HTML 12Page - Anpec Electronics Coropration APW8821 Datasheet HTML 13Page - Anpec Electronics Coropration APW8821 Datasheet HTML 14Page - Anpec Electronics Coropration APW8821 Datasheet HTML 15Page - Anpec Electronics Coropration APW8821 Datasheet HTML 16Page - Anpec Electronics Coropration APW8821 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2011
APW8821
www.anpec.com.tw
13
Function Description
Constant-On-Time PWM Controller with Input Feed-For-
ward
Pulse-Frequency Modulation (PFM)
The constant-on-time control architecture is a pseudo-
fixed frequency with input voltage feed-forward. This ar-
chitecture relies on the output filter capacitor’s effective
series resistance (ESR) to act as a current-sense resis-
tor so the output ripple voltage provides the PWM ramp
signal. In PFM operation, the high-side switch on-time is
controlled by the on-time generator is determined solely
by a one-shot whose pulse width is inversely propor-
tional to the input voltage and directly proportional to the
output voltage. In PWM operation, the high-side switch
on-time is determined by a switching frequency control
circuit in the on-time generator block.
The switching frequency control circuit senses the switch-
ing frequency of the high-side switch and keeps regulat-
ing it at a constant frequency in PWM mode. The design
improves the frequency variation and is more outstand-
ing than a conventional constant-on-time controller, which
has large switching frequency variation over input voltage,
output current, and temperature. Both in PFM and PWM,
the on-time generator, which senses input voltage on
PHASE pin, provides very fast on-time response to input
line transients.
Another one-shot sets a minimum off-time (typical:
450ns). The on-time one-shot is triggered if the error com-
parator is high, the low-side switch current is below the
current-limit threshold, and the minimum off-time one-
shot has timed out.
In PFM mode, an automatic switchover to pulse-frequency
modulation (PFM) takes place at light loads. This
switchover is affected by a comparator that truncates the
low-side switch on-time at the inductor current zero
crossing. This mechanism causes the threshold between
PFM and PWM operation to coincide with the boundary
between continuous and discontinuous inductor-current
operation (also known as the critical conduction point).
The on-time of PFM is given by:
Where F
SW is the nominal switching frequency of the con-
verter in PWM mode.
The load current at handoff from PFM to PWM mode is
given by:
IN
OUT
SW
PFM
ON
V
V
F
1
T
×
=
−
IN
OUT
SW
OUT
IN
PFM
ON
OUT
IN
)
PFMtoPWM
(
LOAD
V
V
F
1
L
2
V
V
T
L
V
V
2
1
I
×
×
−
=
×
−
×
=
−
Power-On-Reset (POR)
A Power-On-Reset (POR) function is designed to prevent
wrong logic controls when the VCC voltage is low. The
POR function continually monitors the bias supply volt-
age on the VCC pin if at least one of the enable pins is set
high. When the rising VCC voltage reaches the rising
POR voltage threshold (4.35V, typical), the POR signal
goes high and the chip initiates soft-start operations.
When this voltage drops lower than 4.25V (typical), the
POR disables the chip.
REFIN Pin Control
The voltage (V
REFIN) applied to REFIN pin selects either
enable-shutdown or adjustable external reference. When
V
REFIN is above the EN high threshold (2.8V, typical), the
PWM is enabled. When V
REFIN is from 0.5V to 2.5V, the
output voltage can be programmed as same as V
REFIN
voltage. When V
REFIN is below the EN low threshold, the
chip is in the shutdown and only low leakage current is
taken from VCC. Once APW8821 has been operating at
internal mode, it is unable to transform into external mode.
On the other hand, it is able to transform into internal
mode. The slew rate of V
REFIN must be faster than 0.5V/µs
to avoid wrong output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com