Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8821 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW8821
Description  Notebook PWM Controller with Differential Voltage Feedback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8821 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW8821 Datasheet HTML 2Page - Anpec Electronics Coropration APW8821 Datasheet HTML 3Page - Anpec Electronics Coropration APW8821 Datasheet HTML 4Page - Anpec Electronics Coropration APW8821 Datasheet HTML 5Page - Anpec Electronics Coropration APW8821 Datasheet HTML 6Page - Anpec Electronics Coropration APW8821 Datasheet HTML 7Page - Anpec Electronics Coropration APW8821 Datasheet HTML 8Page - Anpec Electronics Coropration APW8821 Datasheet HTML 9Page - Anpec Electronics Coropration APW8821 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2011
APW8821
www.anpec.com.tw
6
Typical Operating Characteristics
0.494
Reference Voltage Accuracy vs.
Junction Temperature
-50 -30
10
50
110 130 150
90
30
-10
Junction Temperature, TJ ( oC )
0.506
0.504
0.502
0.500
0.498
0.496
70
1.015
1.010
0.980
3
Converter Output Current, IOUT (A)
10
9
4
1.020
1.005
1.000
0.995
0.990
0.985
5
6
7
8
VOUT=1V,
EXTERNAL MODE
VIN=8V
VIN=19V
Converter Output Voltage vs.
Converter Output Current
0.1
Switching Frequency vs.
Converter Output Current
0.001
0.010
0.100
1.000
10.00
Converter Output Current, IOUT (A)
1000
100
10
1
VIN=8V,
VOUT=1V
9
Converter Input Voltage, VIN (V)
Converter Output Voltage vs.
Converter Input Voltage
13
17
21
5
25
1.04
1.02
0.94
1.06
1.00
0.98
0.96
IOUT=0A
IOUT=10A
VCC=5V,
VOUT=1V,
EXTERNAL MODE
0.10
1.00
10.00
Converter Output Current, IOUT (A)
0
10
70
80
90
60
50
100
40
30
20
Efficiency vs Load current
VIN=8V, VOUT=1.05V
0.01
100.00
H-Side:SM4370 x1
L-Side:SM4373 x1
0.10
1.00
10.00
0
10
70
80
90
60
50
100
40
30
20
0.01
100.00
Converter Output Current, IOUT (A)
Efficiency vs Load current
VIN=19V, VOUT=1.05V
H-Side:SM4370 x1
L-Side:SM4373 x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com