Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8821 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8821
Description  Notebook PWM Controller with Differential Voltage Feedback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8821 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8821 Datasheet HTML 1Page - Anpec Electronics Coropration APW8821 Datasheet HTML 2Page - Anpec Electronics Coropration APW8821 Datasheet HTML 3Page - Anpec Electronics Coropration APW8821 Datasheet HTML 4Page - Anpec Electronics Coropration APW8821 Datasheet HTML 5Page - Anpec Electronics Coropration APW8821 Datasheet HTML 6Page - Anpec Electronics Coropration APW8821 Datasheet HTML 7Page - Anpec Electronics Coropration APW8821 Datasheet HTML 8Page - Anpec Electronics Coropration APW8821 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2011
APW8821
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
APW8821
Handling Code
Temperature Range
.
Package Code
APW 8821 QB :
Assembly Meterial
Package Code
Temperature Range
.
I : -40 to 85
oC
Handling Code
Assembly Meterial
G : Halogen and Lead Free Device
:
QB TDFN3x3-10
TR : Tape & Reel
L : Lead Free Device
APW
8821
XXXXX
XXXXX - Date Code
Simplified Application Circuit
VOUT
L
Q1
Q2
REFIN
APW8821
VIN
RTN
VOUT
POK
VCC=5V
PHASE
UGATE
LGATE/
OCSET
RPOK
= GND and Thermal Pad (connected to GND plane for better heat dissipation)
10 BOOT
TDFN3x3-10
Top View
VOUT 3
POK 1
REFIN 2
FB 5
9 UGATE
7 VCC
8 PHASE
RTN 4
6 LGATE/OCSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com