Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW8821 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW8821
Description  Notebook PWM Controller with Differential Voltage Feedback
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8821 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW8821 Datasheet HTML 1Page - Anpec Electronics Coropration APW8821 Datasheet HTML 2Page - Anpec Electronics Coropration APW8821 Datasheet HTML 3Page - Anpec Electronics Coropration APW8821 Datasheet HTML 4Page - Anpec Electronics Coropration APW8821 Datasheet HTML 5Page - Anpec Electronics Coropration APW8821 Datasheet HTML 6Page - Anpec Electronics Coropration APW8821 Datasheet HTML 7Page - Anpec Electronics Coropration APW8821 Datasheet HTML 8Page - Anpec Electronics Coropration APW8821 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2011
APW8821
www.anpec.com.tw
4
Electrical Characteristics
These specifications apply over T
A = -40 ~ 85°C, unless otherwise specified. Typical values are at TA = 25°C, VCC=5V
APW8821
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT AND VFB VOLTAGE
External REFIN output voltage
tolerance, REFIN=1V
-5
-
5
mV
External REFIN adjustable output
range
0.5
-
2.5
Internal FB adjustable output range
0.5
3.3
V
Reference Voltage
-
0.5
-
V
TA = 25
oC
−0.4
−
+0.4
%
VREF
Regulation Accuracy
TA = -40
oC ~ 85 oC
−0.6
−
+0.6
%
IFB
FB Input Bias Current
FB=0.5V
-
0.02
0.1
µA
RDIS
VOUT Discharge Resistance
-
20
32
Ω
SUPPLY CURRENT
IVCC
VCC Input Bias Current
VCC Current, REFIN=5V,
VFB=0.55V, PHASE=0.5V
-
250
400
µA
IVCC_SHDN
VCC Shutdown Current
REFIN=GND, VCC=5V
-
0
7
µA
SWITCHING FREQUENCY AND DUTY AND INTERNAL SOFT START
FSW
Switching Frequency
Vin=8V, VOUT=1V, IOUT=10A
315
350
385
kHz
TON(MIN)
Minimum on time
-
110
-
ns
TOFF(MIN)
Minimum off time
VFB=0.45V, VPHASE=-0.1V
350
450
550
ns
TSS
Internal Soft Start Time
VOUT from 0% to 95%Regulation
-
1.0
-
ms
GATE DRIVER
UG Pull-Up Resistance
BOOT-UG=0.5V
-
1.5
3
Ω
UG Sink Resistance
UG-PHASE=0.5V
-
0.7
1.8
Ω
LG Pull-Up Resistance
PVCC-LG=0.5V
-
1.0
2.2
Ω
LG Sink Resistance
LG-PGND=0.5V
-
0.5
1.2
Ω
UG to LG Dead time
UG falling to LG rising
-
20
-
ns
LG to UG Dead time
LG falling to UG rising
-
20
-
ns
BOOTSTRAP SWITCH
VF
Ron
VVCC – VBOOT-GND, IF = 10mA
-
0.3
0.4
V
IR
Reverse Leakage
VBOOT-GND = 30V, VPHASE = 25V,
VVCC = 5V
-
-
0.5
µA
VCC POR THRESHOLD
VVCC_THR
Rising VCC POR Threshold
Voltage
4.25
4.35
4.45
V
VCC POR Hysteresis
-
100
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com