Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA0713 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA0713
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0713 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA0713 Datasheet HTML 1Page - Anpec Electronics Coropration APA0713 Datasheet HTML 2Page - Anpec Electronics Coropration APA0713 Datasheet HTML 3Page - Anpec Electronics Coropration APA0713 Datasheet HTML 4Page - Anpec Electronics Coropration APA0713 Datasheet HTML 5Page - Anpec Electronics Coropration APA0713 Datasheet HTML 6Page - Anpec Electronics Coropration APA0713 Datasheet HTML 7Page - Anpec Electronics Coropration APA0713 Datasheet HTML 8Page - Anpec Electronics Coropration APA0713 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2012
APA0713
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
-0.3 to 6
V
VIN
Input Voltage Range, Shutdown, SE/BTL
-0.3 to VDD+0.3
V
TA
Operating Ambient Temperature Range
-40 to 85
°C
TJ
Maximum Junction Temperature
Internally Limited*
1
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TSDR
Lead Soldering Temperature, 10 seconds
260
°C
PD
Power Dissipation
Internally Limited
W
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VDD
Supply Voltage
2.6
5.5
V
VIH
High-Level Voltage
Shutdown
2.2
V
VIL
Low-Level Voltage
Shutdown
0.4
V
Recommended Operating Conditions
Thermal Characteristics
Symbol
Parameter
Value
Unit
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP-8
(Note 2)
200
°C/W
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Note 2 : APA0713 starts its internal thermal shutdown protection when junction temperature ramps up to 170°C.
Absolute Maximum Ratings
(Over operating free-air temperature range unless otherwise noted.)
Note 2: 3.42in2 printed circuit board with 20z trace and copper.
SOP-8
Pin Configuration
Shutdown
1
Bypass 2
IN+ 3
IN- 4
7 GND
5 VO+
6 VDD
8 VO-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com