Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA0713 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA0713
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0713 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA0713 Datasheet HTML 1Page - Anpec Electronics Coropration APA0713 Datasheet HTML 2Page - Anpec Electronics Coropration APA0713 Datasheet HTML 3Page - Anpec Electronics Coropration APA0713 Datasheet HTML 4Page - Anpec Electronics Coropration APA0713 Datasheet HTML 5Page - Anpec Electronics Coropration APA0713 Datasheet HTML 6Page - Anpec Electronics Coropration APA0713 Datasheet HTML 7Page - Anpec Electronics Coropration APA0713 Datasheet HTML 8Page - Anpec Electronics Coropration APA0713 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2012
APA0713
www.anpec.com.tw
4
Typical Operating Characteristics
Shutdown Current vs.
Supply Voltage
Output Power vs. Supply Voltage
Supply Voltage (V)
Supply Voltage (V)
PSRR vs. Frequency
Frequency (Hz)
Supply Current vs. Supply Voltage
Supply Voltage (V)
-100
+0
-80
-60
-40
-20
20
20k
100
1k
10k
T
R
L=8Ω
C
B=1µF
BTL
V
DD=3.3V
V
DD=5V
0.08
0.09
0.1
0.11
0.12
2.5
3
3.5
4
4.5
5
5.5
R
F=10KΩ
THD+N vs. Frequency
Frequency (Hz)
Output Power vs. Load Resistance
Load Resistance (
Ω)
0
100
200
300
400
500
600
700
800
900
1000
8
16
24
32
40
48
56
64
THD+N=1%
F
in=1KHz
BTL
V
DD=5V
V
DD=3.3V
0.01
10
0.1
1
20
20k
100
1k
10k
V
DD=3.3V
P
O=250mW
R
L=8Ω
BTL
A
V=-20V/V
A
V=-10V/V
A
V=-2V/V
0
200
400
600
800
1000
1200
1400
1600
2.5
3
3.5
4
4.5
5
5.5
R
F=10KΩ
BTL
0
200
400
600
800
1000
1200
2.5
3
3.5
4
4.5
5
5.5
THD+N=1%
F
in=1KHz
BTL
R
L=8Ω
R
L=32Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com