Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA0713 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA0713
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0713 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA0713 Datasheet HTML 1Page - Anpec Electronics Coropration APA0713 Datasheet HTML 2Page - Anpec Electronics Coropration APA0713 Datasheet HTML 3Page - Anpec Electronics Coropration APA0713 Datasheet HTML 4Page - Anpec Electronics Coropration APA0713 Datasheet HTML 5Page - Anpec Electronics Coropration APA0713 Datasheet HTML 6Page - Anpec Electronics Coropration APA0713 Datasheet HTML 7Page - Anpec Electronics Coropration APA0713 Datasheet HTML 8Page - Anpec Electronics Coropration APA0713 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2012
APA0713
www.anpec.com.tw
3
APA0713
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VOS
Output Offset Voltage
RL = 8
Ω, RF = 10kΩ
20
mV
IDD
Supply Current
BTL mode, RF = 10k
Ω
0.9
1.8
mA
IDD(SD)
Supply Current, Shutdown Mode
RF = 10k
Ω
0.1
2
µA
|IH|
Shutdown, VI = VDD
1
µA
|IL|
Shutdown, VI = 0V
1
µA
Operating characteristic, VDD = 3.3V, TA = 25
°C, RL = 8Ω
THD+N = 1%, BTL mode, RL = 8
Ω
400
PO
Output Power
(Note 3)
THD+N = 1%, BTL mode, RL = 4
Ω
600
mW
THD+N
Total Harmonic Distortion Plus Noise
(Note 1)
PO = 280mW, BTL mode, RL = 8
Ω
0.15
%
Bom
Maximum Output Power Bandwidth
Gain = 2, THD+N = 2%
20
KHz
B1
Unity-Gain Bandwidth
Open Loop
2
MHz
PSRR
Power Supply Rejection Ratio
(Note1)
CB = 1
µF, BTL mode, RL = 8Ω
74
dB
Vn
Noise Output Voltage
Gain = 1, CB = 0.1
µF
28
µV(rms)
TWU
Wake-up time
CB = 1
µF
380
ms
Electrical Characteristics
Electrical Characteristics at Specified Free - Air Temperature
V
DD = 3.3V, TA = 25°C (unless otherwise noted)
V
DD= 5V, TA= 25°C (unless otherwise noted)
APA0713
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOS
Output Offset Voltage
RL = 8
Ω, RF = 10KΩ
20
mV
BTL mode, RF = 10 K
Ω
1.3
2.6
IDD
Supply Current
SE mode, RF = 10 K
Ω
0.75
1.5
mA
IDD(SD)
Supply Current, Shutdown Mode
RF = 10 K
Ω
0.1
2
µA
|IH|
Shutdown, VI = VDD
1
µA
|IL|
Shutdown, VI = 0V
1
µA
Operating characteristic, VDD = 5V, TA = 25
°C, RL = 8Ω
THD+N = 1%, BTL mode, RL = 8
Ω
900
mW
PO
Output Power
(Note 3)
THD+N = 1%, BTL mode, RL = 4
Ω
1.5
W
THD+N
Total Harmonic Distortion Plus Noise
(Note 3)
PO = 630mW, BTL mode,
RL = 8
Ω
0.15
%
Bom
Maximum Output Power Bandwidth
Gain = 2, THD+N = 2%
20
KHz
B1
Unity-Gain Bandwidth
Open Loop
2
MHz
PSRR
Power Supply Rejection Ratio
(Note 3)
CB = 1
µF, BTL mode, RL = 8Ω
74
dB
Vn
Noise Output Voltage
Gain = 1, CB = 0.1
µF
28
µV(rms)
Twu
Wake-up time
CB = 1
µF
400
ms
Note 3 : Output power is measured at the output terminals of device at f=1KHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com