Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA0713 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA0713
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0713 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA0713 Datasheet HTML 2Page - Anpec Electronics Coropration APA0713 Datasheet HTML 3Page - Anpec Electronics Coropration APA0713 Datasheet HTML 4Page - Anpec Electronics Coropration APA0713 Datasheet HTML 5Page - Anpec Electronics Coropration APA0713 Datasheet HTML 6Page - Anpec Electronics Coropration APA0713 Datasheet HTML 7Page - Anpec Electronics Coropration APA0713 Datasheet HTML 8Page - Anpec Electronics Coropration APA0713 Datasheet HTML 9Page - Anpec Electronics Coropration APA0713 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2012
APA0713
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
THD+N vs. Output Power
Output Power (W)
0.01
10
0.1
1
0.01
1
0.1
V
DD=5V
R
L=8Ω
C
B=1µF
A
V=2V/V
BTL
F
in=10KHz
F
in=20KHz
F
in=1KHz
F
in=20Hz
THD+N vs. Frequency
Frequency (Hz)
0.001
10
0.01
0.1
1
20
20k
100
1k
10k
R
V
DD=3.3V
R
L=32Ω
A
V=-1V/V
BTL
P
O=30mW
P
O=15mW
P
O=10mW
Close Loop Gain and Phase vs.
Frequency
Frequency (Hz)
Close Loop Gain and Phase vs.
Frequency
10
100k
100
1k
10k
+20
+60
+100
+140
+180
+220
-0
+28
+4
+8
+12
+16
+20
+24
V
DD=5V
R
L=8Ω
A
V=-4V/V
P
O=700mW
BTL
Gain
Phase
Noise Floor vs. Frquency
Frequency (Hz)
1
100
10
20
20k
100
1k
10k
V
DD=3.3V
BW=22Hz to 22KHz
A
V=-1V/V
R
L=8Ω, BTL
Noise Floor vs. Frquency
Frequency (Hz)
1
100
10
20
20k
100
1k
10k
V
DD=5V
BW=22Hz to 22KHz
A
V=-1V/V
R
L=8Ω, BTL
+20
+60
+100
+140
+180
+220
-0
+28
+4
+8
+12
+16
+20
+24
10
100k
100
1k
10k
V
DD=3.3V
R
L=8Ω
A
V=-4V/V
P
O=250mW
BTL
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com