Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2011 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APA2011 Datasheet HTML 10Page - Anpec Electronics Coropration APA2011 Datasheet HTML 11Page - Anpec Electronics Coropration APA2011 Datasheet HTML 12Page - Anpec Electronics Coropration APA2011 Datasheet HTML 13Page - Anpec Electronics Coropration APA2011 Datasheet HTML 14Page - Anpec Electronics Coropration APA2011 Datasheet HTML 15Page - Anpec Electronics Coropration APA2011 Datasheet HTML 16Page - Anpec Electronics Coropration APA2011 Datasheet HTML 17Page - Anpec Electronics Coropration APA2011 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
14
APA2011/2011A
Pin Description
PIN
NO.
WLCSP1.5x1.5-9
TDFN3x3-8
NAME
I/O/P
FUNCTION
A1
3
INP
I
Positive Input of Power Amplifier.
A2
7
GND
P
Ground Connection for Circuitry.
A3
8
OUTN
O
Negative Output of Power Amplifier.
B1
2
DR
I
Setting the Maximum Output Power; Disable the DRC/Non-clipping,
when VDR<0.2VDD, and if the 0.2VDD<VDR<0.55VDD, the VDR is set to
0.55VDD by internal, this is maximum power limit (Minimum the
output power).
DD
1
1
DR
V
k
10
R
R
V
×
Ω
+
=
*
SPK
2
DD
DR
O
R
)
V
5
.
0
V
(
2
P
−
=
RSPK: Speaker Resistor
Note: The setting value has 15% variation by IC process and this equation only for
WLCSP1.5x1.5-9 package, the TDFN3x3-8 package's output power will less than the
calculation.
B2
6
VDD
P
Supply Voltage Input Pin.
B3
-
PGND
P
Ground Connection for Power Stage
C1
4
INN
I
Negative Input of Power Amplifier.
C2
1
SD
I
Shutdown Mode Control Input, Place entire IC in shutdown mode
when held low.
C3
5
OUTP
O
Positive Output of Power Amplifier.
Block Diagram
VDD
OUTN
PGND
OUTP
INN
INP
AGC
Gate
Drive
100k
Ω
25k
Ω
25k
Ω
100k
Ω
OSC
Gate
Drive
Bias &
Reference
DR
Shutdown
Control
AGC
Setting
SD
Protection
Function
GND
A
V=15dB (5.6V/V)
A
V=27dB(22.4V/V)
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com