Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2011 Datasheet(PDF) 22 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 22 Page - Anpec Electronics Coropration

Back Button APA2011 Datasheet HTML 18Page - Anpec Electronics Coropration APA2011 Datasheet HTML 19Page - Anpec Electronics Coropration APA2011 Datasheet HTML 20Page - Anpec Electronics Coropration APA2011 Datasheet HTML 21Page - Anpec Electronics Coropration APA2011 Datasheet HTML 22Page - Anpec Electronics Coropration APA2011 Datasheet HTML 23Page - Anpec Electronics Coropration APA2011 Datasheet HTML 24Page - Anpec Electronics Coropration APA2011 Datasheet HTML 25Page - Anpec Electronics Coropration APA2011 Datasheet HTML 26Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
22
APA2011/2011A
Package Information
WLCSP1.5x1.5-9
D
A2
A1
A
e
PIN A1
S
Y
M
B
O
L
MIN.
MAX.
0.67
0.20
0.29
0.31
1.47
1.53
0.24
A
A1
b
D
E
e
MILLIMETERS
A2
0.33
0.43
0.50 BSC
WLCSP1.5x1.5-9
0.020 BSC
MIN.
MAX.
INCHES
0.026
0.008
0.013
0.017
0.011
0.012
0.058
0.060
0.009
0.53
0.021
1.47
1.53
0.058
0.060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com