Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2011 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2011 Datasheet HTML 1Page - Anpec Electronics Coropration APA2011 Datasheet HTML 2Page - Anpec Electronics Coropration APA2011 Datasheet HTML 3Page - Anpec Electronics Coropration APA2011 Datasheet HTML 4Page - Anpec Electronics Coropration APA2011 Datasheet HTML 5Page - Anpec Electronics Coropration APA2011 Datasheet HTML 6Page - Anpec Electronics Coropration APA2011 Datasheet HTML 7Page - Anpec Electronics Coropration APA2011 Datasheet HTML 8Page - Anpec Electronics Coropration APA2011 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
2
APA2011/2011A
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VPGND_GND
PGND to GND
-0.3 to +0.3
VDD
Supply Voltage (VDD to PGND, VDD to GND)
-0.3 to 6
VIN
Input Voltage (INN, INP to GND)
-0.3 to VDD+0.3
VSD, VDR
Input Voltage (SD, DR to GND)
-0.3 to VDD+0.3
V
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-65 to +150
oC
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
SD 1
DR 2
INP 3
INN 4
TDFN3x3-8
Top View
7 GND
5 OUTP
6 VDD
8 OUTN
APA2011/2011A
Handling Code
Temperature Range
Package Code
Package Code
HA : WLCSP1.5x1.5-9
QB : TDFN3x3-8
Operating Ambient Temperature Range
I : - 40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
X - Date Code
Assembly Material
A11
X
XXXXX - Date Code
APA
2011
XXXXX
X - Date Code
A11A
X
XXXXX - Date Code
APA
2011A
XXXXX
APA2011
HA :
APA2011A HA :
APA2011
QB :
APA2011A QB :
WLCSP1.5x1.5-9
Top View
A11
X
Marking
OUTN
(A3)
PGND
(B3)
OUTP
(C3)
GND
(A2)
VDD
(B2)
SD
(C2)
INP
(A1)
DR
(B1)
INN
(C1)
A11A
X
Marking
Date Code
PIN A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com