Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2011 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APA2011 Datasheet HTML 14Page - Anpec Electronics Coropration APA2011 Datasheet HTML 15Page - Anpec Electronics Coropration APA2011 Datasheet HTML 16Page - Anpec Electronics Coropration APA2011 Datasheet HTML 17Page - Anpec Electronics Coropration APA2011 Datasheet HTML 18Page - Anpec Electronics Coropration APA2011 Datasheet HTML 19Page - Anpec Electronics Coropration APA2011 Datasheet HTML 20Page - Anpec Electronics Coropration APA2011 Datasheet HTML 21Page - Anpec Electronics Coropration APA2011 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
18
APA2011/2011A
Shutdown Operation (Cont.)
Over-Current Protection
The APA2011/2011A monitors the output current. When
the current exceeds the current-limit threshold, the
APA2011/2011A turns off the output stage to prevent the
output device from damages in over-current or short-cir-
cuit condition. The IC will turn on the output buffer after
1ms, but if the over-current or short-circuits condition still
remains, it enters the Over-Current protection again. The
situation will circulate until the over-current or short-cir-
cuits has be removed.
Thermal Protection
The over-temperature circuit limits the junction tempera-
ture of the APA2011/2011A. When the junction tempera-
ture exceeds T
J = +150
oC, a thermal sensor turns off the
output buffer, allowing the devices to cool. The thermal
sensor allows the amplifier to start-up after the junction
temperature down about 125 oC. The thermal protection
is designed with a 25 oC hysteresis to lower the average
T
J during continuous thermal overload conditions, in-
creasing lifetime of the IC.
Function Description (Cont.)
a logic high and logic low level is typically 1.4V. It is best to
switch between the ground and the supply voltage VDD to
provide maximum device performance. By switching the
SD pin to a low level, the amplifier enters a low-consump-
tion- current state, I
DD for APA2011/2011A is in shutdown
mode. On normal operating, APA2011/2011A’s SD pin
should pull to a high level to keep the IC out of the shut-
down mode. The SD pin should be tied to a definite volt-
age to avoid unwanted state changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com