Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2012 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2012
Description  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2012 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2012 Datasheet HTML 9Page - Anpec Electronics Coropration APA2012 Datasheet HTML 10Page - Anpec Electronics Coropration APA2012 Datasheet HTML 11Page - Anpec Electronics Coropration APA2012 Datasheet HTML 12Page - Anpec Electronics Coropration APA2012 Datasheet HTML 13Page - Anpec Electronics Coropration APA2012 Datasheet HTML 14Page - Anpec Electronics Coropration APA2012 Datasheet HTML 15Page - Anpec Electronics Coropration APA2012 Datasheet HTML 16Page - Anpec Electronics Coropration APA2012 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2013
www.anpec.com.tw
13
APA2012
Package Information
WLCSP1.2x1.2-9
PIN 1
D
S
Y
M
B
O
L
MIN.
MAX.
0.63
0.12
0.20
0.30
1.10
1.25
0.20
A
A1
b
D
E
e
MILLIMETERS
A2
0.37
0.43
0.40 BSC
WLCSP1.2x1.2-9
0.016 BSC
MIN.
MAX.
INCHES
0.025
0.005
0.015
0.017
0.008
0.012
0.043
0.049
0.008
1.10
1.25
0.043
0.049
aaa
0.05 BSC
0.002
e
b
aaa
NX
SEATING
PLANE
A
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com