Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2012 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2012
Description  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2012 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2012 Datasheet HTML 1Page - Anpec Electronics Coropration APA2012 Datasheet HTML 2Page - Anpec Electronics Coropration APA2012 Datasheet HTML 3Page - Anpec Electronics Coropration APA2012 Datasheet HTML 4Page - Anpec Electronics Coropration APA2012 Datasheet HTML 5Page - Anpec Electronics Coropration APA2012 Datasheet HTML 6Page - Anpec Electronics Coropration APA2012 Datasheet HTML 7Page - Anpec Electronics Coropration APA2012 Datasheet HTML 8Page - Anpec Electronics Coropration APA2012 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2013
www.anpec.com.tw
4
APA2012
Electrical Characteristics
VDD=5V, GND=0V, TA= 25
οC (unless otherwise noted)
APA2012
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD=5V, TA=25°
C
RL = 4
Ω
-
2.51
-
THD+N = 1%,
fin = 1kHz
RL = 8
Ω
-
1.41
-
RL = 4
Ω
-
3.2
-
PO
Output Power
THD+N = 10%,
fin = 1kHz
RL = 8
Ω
1
1.8
-
W
RL = 4
Ω
PO= 1.7W
-
0.1
-
THD+N
Total Harmonic Distortion
Pulse Noise
fin = 1kHz
RL = 8
Ω
PO= 0.9W
-
0.1
-
%
PSRR
Power Supply Rejection
Ratio
Inputs AC floating, VPP=200mV ripple,
f = 217Hz
-
75
-
dB
S/N
Signal-to-noise ratio
With A-weighted Filter PO=0.43W, RL=8
Ω
-
90
-
dB
Vn
Noise Output Voltage
Inputs AC grounded with Ci=2
µF, f=20Hz to
20kHz, A-weighting Filter
-
55
-
µV
(rms)
VDD=3.6V, TA=25°
C
RL = 4
Ω
-
1.32
-
THD = 1%
f = 1KHz
RL = 8
Ω
-
0.74
-
RL = 4
Ω
-
1.62
-
Po
Output Power
THD = 10%
f = 1KHz
RL = 8
Ω
-
0.91
-
W
RL = 4
Ω
PO= 0.84W
-
0.1
-
THD+N
Total harmonic Distortion
Pulse Noise
f=1KHz
RL = 8
Ω
PO= 0.4W
-
0.1
-
%
PSRR
Power Supply Rejection
Ratio
Inputs AC floating, VPP=200mV ripple,
f = 217Hz
-
75
-
dB
S/N
Signal-to-noise ratio
With A-weighted Filter PO=0.43W, RL=8
Ω
-
90
-
dB
Vn
Noise Output Voltage
Inputs AC grounded with Ci=2
µF, f=20Hz to
20kHz, A-weighting Filter
-
55
-
µV
(rms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com