Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2012 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2012
Description  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2012 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2012 Datasheet HTML 1Page - Anpec Electronics Coropration APA2012 Datasheet HTML 2Page - Anpec Electronics Coropration APA2012 Datasheet HTML 3Page - Anpec Electronics Coropration APA2012 Datasheet HTML 4Page - Anpec Electronics Coropration APA2012 Datasheet HTML 5Page - Anpec Electronics Coropration APA2012 Datasheet HTML 6Page - Anpec Electronics Coropration APA2012 Datasheet HTML 7Page - Anpec Electronics Coropration APA2012 Datasheet HTML 8Page - Anpec Electronics Coropration APA2012 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2013
www.anpec.com.tw
2
APA2012
Pin Configuration
Top View
VON
(A3)
PGND
(B3)
VOP
(C3)
GND
(A2)
PVDD
(B2)
SD
(C2)
INP
(A1)
VDD
(B1)
INN
(C1)
1.2mm
WLCSP1.2x1.2-9
SD 1
VDD 3
8 VOP
INN 2
INP 4
7 PVDD
5 VON
6 GND
TDFN3x3-8
(Top View)
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
(Over operating free-air temperature range unless otherwise noted.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (VDD, PVDD)
-0.3 to 6.3
V
VIN, VSD
Input Voltage (SD, INP, INN)
-0.3 to 3.6
V
TJ
Maximum Junction Temperature
150
οC
TSTG
Storage Temperature Range
-65 to +150
οC
TS
Soldering Temperature Range
260
οC
PD
Power Dissipation
Internally Limited
W
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
APA2012
Package Code
HA : WLCSP1.2x1.2-9
QB : TDFN3x3-8
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
Handling Code
Temperature Range
Package Code
G : Halogen and Lead Free Device
Assembly Material
APA2012 HA:
A2
X
X - Date Code
APA2012 QB:
APA
2012
X
X - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com