Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2012 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2012
Description  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2012 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2012 Datasheet HTML 2Page - Anpec Electronics Coropration APA2012 Datasheet HTML 3Page - Anpec Electronics Coropration APA2012 Datasheet HTML 4Page - Anpec Electronics Coropration APA2012 Datasheet HTML 5Page - Anpec Electronics Coropration APA2012 Datasheet HTML 6Page - Anpec Electronics Coropration APA2012 Datasheet HTML 7Page - Anpec Electronics Coropration APA2012 Datasheet HTML 8Page - Anpec Electronics Coropration APA2012 Datasheet HTML 9Page - Anpec Electronics Coropration APA2012 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2013
www.anpec.com.tw
6
APA2012
Typical Operating Characteristics (Cont.)
Output Noise Voltage vs.
Frequency
Frequency (Hz)
20
20k
100
1k
10k
45
µ
50
µ
70
µ
80
µ
55
µ
90
µ
62
µ
Cin=0.1uF
Rin=150k
Ω
RL=8
Ω
Input Short to GND
A-weighting
VDD=2.4V
VDD=3.6V
VDD=5V
VDD=5.5V
CMRR vs. Frequency
Frequency (Hz)
20
20k
100
1k
10k
-80
-60
-40
+0
-20
VDD=2.4V
VDD=3.6V
VDD=5V
VDD=5.5V
Cin=0.1
µF
Rin=150k
Ω
RL=4
Ω
Input Short
AES-17(20kHz)
Frequency (Hz)
CMRR vs. Frequency
20
20k
100
1k
10k
-80
-60
-40
+0
-20
VDD=2.4V
VDD=3.6V
VDD=5V
VDD=5.5V
Cin=0.1
µF
Rin=150k
Ω
RL=8
Ω
Input Short
AES-17(20kHz)
Frequency (Hz)
PSRR VS Frequency
-100
+0
-40
-20
20
20k
100
1k
10k
-80
-60
VDD=2.4V
VDD=3.6V
VDD=5V
VDD=5.5V
Cin=0.1
µF
Rin=150k
Ω
RL=4
Ω
AES-17(20kHz)
PSRR VS Frequency
Frequency (Hz)
-100
+0
-40
-20
20
20k
100
1k
10k
-80
-60
VDD=2.4V
VDD=3.6V
VDD=5V
VDD=5.5V
Cin=0.1
µF
Rin=150k
Ω
RL=8
Ω
AES-17(20kHz)
Supply Voltage(V)
Supply Current vs. Supply Voltage
0
2
1.2
1.6
0
4
1
2
3
0.4
0.8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com