Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3213 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3213
Description  Li Charger Protection IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3213 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3213 Datasheet HTML 1Page - Anpec Electronics Coropration APL3213 Datasheet HTML 2Page - Anpec Electronics Coropration APL3213 Datasheet HTML 3Page - Anpec Electronics Coropration APL3213 Datasheet HTML 4Page - Anpec Electronics Coropration APL3213 Datasheet HTML 5Page - Anpec Electronics Coropration APL3213 Datasheet HTML 6Page - Anpec Electronics Coropration APL3213 Datasheet HTML 7Page - Anpec Electronics Coropration APL3213 Datasheet HTML 8Page - Anpec Electronics Coropration APL3213 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Aug., 2011
www.anpec.com.tw
3
APL3213/A
APL3213/A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
POWER-ON-RESET (POR) AND SUPPLY CURRENT
VPOR
ACIN POR Threshold
VACIN rising
2.4
-
2.8
V
ACIN POR Hysteresis
-
250
-
mV
ICC
ACIN Supply Current
-
125
300
µA
TB(ACIN)
Input Power-On Blanking Time
VACIN rising to VOUT rising
-
8
-
ms
INTERNAL POWER SWITCH AND OUT DISCHARGE RESISTANCE
Power Switch On Resistance
IOUT = 0.6A
-
130
-
m
Ω
OUT Discharge Resistance
VOUT = 3V
-
500
-
Ω
INPUT OVER-VOLTAGE PROTECTION (OVP)
APL3213
5.70
5.85
6.00
V
APL3213A, TA=25
oC
5.285
5.33
5.38
V
VOVP
Input OVP Threshold
VACIN rising
APL3213A,
TA = -20~60
oC
5.28
5.33
5.4
V
Input OVP Recovery Hysteresis
150
250
350
mV
Input OVP Propagation Delay
-
1
-
µs
TON(OVP)
Input OVP Recovery Time
-
8
-
ms
OVER-TEMPERATURE PROTECTION (OTP)
TOTP
Over-Temperature Threshold
-
140
-
°C
Over-Temperature Hysteresis
-
20
-
°C
Refer to the typical application circuit. These specifications apply over V
ACIN=5V, TA= -40~85°C
, unless otherwise specified. Typical
values are at T
A=25°C.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com