Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3213 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3213
Description  Li Charger Protection IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3213 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3213 Datasheet HTML 1Page - Anpec Electronics Coropration APL3213 Datasheet HTML 2Page - Anpec Electronics Coropration APL3213 Datasheet HTML 3Page - Anpec Electronics Coropration APL3213 Datasheet HTML 4Page - Anpec Electronics Coropration APL3213 Datasheet HTML 5Page - Anpec Electronics Coropration APL3213 Datasheet HTML 6Page - Anpec Electronics Coropration APL3213 Datasheet HTML 7Page - Anpec Electronics Coropration APL3213 Datasheet HTML 8Page - Anpec Electronics Coropration APL3213 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Aug., 2011
APL3213/A
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Li+ Charger Protection IC
•
Input Over-Voltage Protection
•
Over-Temperature Protection
•
High Immunity of False Triggering
•
High Accuracy Protection Thresholds
•
Available in TDFN2x2-8 Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
•
Compliance to IEC61000-4-2 (Level 4)
+8kV (Contact Discharge)
+15kV (Air Discharge)
The APL3213/A provide Li+ charger protection against
over-voltage. The IC is designed to monitor input voltage.
When input voltage is over the threshold, the IC removes
the power from the charging system by turning off an in-
ternal switch. The protection also have deglitch time
against false triggering due to voltage spikes. The
APL3213/A also provide Power-On-Reset (POR) function
and over-temperature protection. The Power-On-Reset
circuit monitors supply voltages to prevent wrong
operations. The over-temperature protection limits the
junction temperature below 140oC in case of short circuit
or overload conditions.
Features
General Description
Applications
•
Smart Phones and PDAs
•
Digital Still Cameras
•
Portable Devices
Pin Configuration
Simplified Application Circuit
8 OUT
7 OUT
5 NC
6 OUT
ACIN 3
ACIN 1
ACIN 2
GND 4
TDFN2x2-8
(Top View)
EP
ACIN
OUT
GND
APL3213/A
5V Adapter or USB
Charger Input


Similar Part No. - APL3213

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3212A ANPEC-APL3212A Datasheet
649Kb / 20P
Li Charger Protection IC
APL3212AQBI-TRG ANPEC-APL3212AQBI-TRG Datasheet
649Kb / 20P
Li Charger Protection IC
APL3212BQBI-TRG ANPEC-APL3212BQBI-TRG Datasheet
649Kb / 20P
Li Charger Protection IC
APL3212CQBI-TRG ANPEC-APL3212CQBI-TRG Datasheet
649Kb / 20P
Li Charger Protection IC
APL3215 ANPEC-APL3215 Datasheet
317Kb / 18P
Li Charger Protection IC with Integrated P-MOSFET
More results

Similar Description - APL3213

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
Li Charger Protection IC
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3203A ANPEC-APL3203A_11 Datasheet
438Kb / 20P
Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
Li Charger Protection IC
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com