Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3213 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3213
Description  Li Charger Protection IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3213 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3213 Datasheet HTML 1Page - Anpec Electronics Coropration APL3213 Datasheet HTML 2Page - Anpec Electronics Coropration APL3213 Datasheet HTML 3Page - Anpec Electronics Coropration APL3213 Datasheet HTML 4Page - Anpec Electronics Coropration APL3213 Datasheet HTML 5Page - Anpec Electronics Coropration APL3213 Datasheet HTML 6Page - Anpec Electronics Coropration APL3213 Datasheet HTML 7Page - Anpec Electronics Coropration APL3213 Datasheet HTML 8Page - Anpec Electronics Coropration APL3213 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Aug., 2011
www.anpec.com.tw
5
APL3213/A
Operating Waveforms
Refer to the typical application circuit. The test condition is V
ACIN= 5V, CACIN= 1µF, COUT=1µF, TA= 25
oC unless otherwise
specified.
Normal Power On
CH1: VACIN, 2V/Div, DC
CH3: IOUT, 1A/Div, DC
TIME: 2ms/Div
ROUT=3
Ω
CH2: VOUT, 2V/Div, DC
1
2
3
VOUT
IOUT
VACIN
Normal Power Off
CH1: VACIN, 2V/Div, DC
CH3: IOUT, 1A/Div, DC
TIME: 100
µs/Div
ROUT= 3Ω
CH2: VOUT, 2V/Div, DC
1
2
3
VOUT
IOUT
VACIN
OVP at Power On
CH1: VACIN, 5V/Div, DC
CH3: IOUT, 1A/Div, DC
TIME: 2ms/Div
VACIN= 0 to 12V
CH2: VOUT, 2V/Div, DC
1
2
3
VOUT
IOUT
VACIN
OVP at Power Off
1
2
3
VOUT
IOUT
VACIN
CH1: VDD, 5V/Div, DC
CH3: IOUT, 1A/Div, DC
TIME: 40ms/Div
VACIN= 12 to 0V
CH2: VOUT, 2V/Div, DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com