Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL3213 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3213
Description  Li Charger Protection IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3213 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3213 Datasheet HTML 1Page - Anpec Electronics Coropration APL3213 Datasheet HTML 2Page - Anpec Electronics Coropration APL3213 Datasheet HTML 3Page - Anpec Electronics Coropration APL3213 Datasheet HTML 4Page - Anpec Electronics Coropration APL3213 Datasheet HTML 5Page - Anpec Electronics Coropration APL3213 Datasheet HTML 6Page - Anpec Electronics Coropration APL3213 Datasheet HTML 7Page - Anpec Electronics Coropration APL3213 Datasheet HTML 8Page - Anpec Electronics Coropration APL3213 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Aug., 2011
www.anpec.com.tw
4
APL3213/A
Typical Operating Characteristics
ACIN Supply Current vs.
Junction Temperature
POR Threshold vs.
Junction Temperature
Power Switch On Resistance vs.
Junction Temperature
Input OVP Threshold vs.
Junction Temperature
0
50
100
150
200
250
300
Junction Temperature
(°C)
-50
-25
0
25
50
75
100
125
2.2
2.3
2.4
2.5
2.6
2.7
2.8
Junction Temperature (
)
oC
-50
-25
0
25
50
75
100
125
VACIN Increasing
VACIN Decreasing
Junction Temperature (o
C)
-50
-25
0
25
50
75
100
125
0
50
100
150
200
250
ACIN to OUT On Resistance
oC
Junction Temperature (
)
-50
-25
0
25
50
75
100
125
VACIN Increasing
VACIN Decreasing
APL3213A
5.00
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com