Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9268 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9268
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9268 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9268 Datasheet HTML 1Page - Anpec Electronics Coropration APX9268 Datasheet HTML 2Page - Anpec Electronics Coropration APX9268 Datasheet HTML 3Page - Anpec Electronics Coropration APX9268 Datasheet HTML 4Page - Anpec Electronics Coropration APX9268 Datasheet HTML 5Page - Anpec Electronics Coropration APX9268 Datasheet HTML 6Page - Anpec Electronics Coropration APX9268 Datasheet HTML 7Page - Anpec Electronics Coropration APX9268 Datasheet HTML 8Page - Anpec Electronics Coropration APX9268 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2008
APX9268
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
•
Single Phase Full Wave Fan Driver
•
Silent Driver
•
Low Supply Current
•
Built-in Lock Protection and Auto Restart Function
(External Capacitor Unnecessary)
•
FG Output
•
Include Hall Bias Circuit
•
Built-in Thermal Protection Circuit
•
Lead Free and Green Devices Available
(RoHS Compliant)
•
Motor Drivers For Silent Fan Motors
The APX9268 is a single phase full wave motor driver
for DC fan motor. The output signal of this IC is the
amplified hall input signal. It is suitable for both game
machine and CPU cooler that need silent drivers. The
device is built-in lock protection. When fan is locked,
the device will enter the lockup protection mode. It is
also with thermal shutdown function. In normal
operation, the supply current is less than 5mA. The
APX9268 is available in MSOP-8 package.
Features
General Description
Applications
Ordering and Marking Information
Pin Configuration
MSOP-8
VCC
OUT1
GND
IN-
IN+
OUT2
1
2
3
4
8
7
6
5
HB
FG
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APX9268
Package Code
X : MSOP - 8
Temperature Range
I : -40 to 105 C
Handling Code
TR : Tape & Reel
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
°
XXXXX - Date Code
APX9268 X :
A9268
XXX
XX
Assembly Material


Similar Part No. - APX9268

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9268A ANPEC-APX9268A Datasheet
1Mb / 14P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268AXI-TRG ANPEC-APX9268AXI-TRG Datasheet
1Mb / 14P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results

Similar Description - APX9268

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Eutech Microelectronics...
EUM6179 EUTECH-EUM6179 Datasheet
260Kb / 11P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Anpec Electronics Corop...
APX9267 ANPEC-APX9267 Datasheet
280Kb / 12P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266 ANPEC-APX9266 Datasheet
291Kb / 14P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
logo
Diodes Incorporated
AM9789 DIODES-AM9789 Datasheet
622Kb / 18P
Single Phase Full-wave Motor Driver for Silent Fan Motor
Rev 1
logo
Anpec Electronics Corop...
APX9258 ANPEC-APX9258 Datasheet
947Kb / 18P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268A ANPEC-APX9268A Datasheet
1Mb / 14P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275 ANPEC-APX9275 Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275A ANPEC-APX9275A Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9277 ANPEC-APX9277 Datasheet
214Kb / 15P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com