Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9268 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APX9268
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9268 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APX9268 Datasheet HTML 5Page - Anpec Electronics Coropration APX9268 Datasheet HTML 6Page - Anpec Electronics Coropration APX9268 Datasheet HTML 7Page - Anpec Electronics Coropration APX9268 Datasheet HTML 8Page - Anpec Electronics Coropration APX9268 Datasheet HTML 9Page - Anpec Electronics Coropration APX9268 Datasheet HTML 10Page - Anpec Electronics Coropration APX9268 Datasheet HTML 11Page - Anpec Electronics Coropration APX9268 Datasheet HTML 12Page - Anpec Electronics Coropration APX9268 Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2008
www.anpec.com.tw
13
APX9268
Table 2. Pb-free Process – Package Classification Reflow Temperatures
Package Thickness
Volume mm
3
<350
Volume mm
3
350-2000
Volume mm
3
>2000
<1.6 mm
260 +0
°C*
260 +0
°C*
260 +0
°C*
1.6 mm – 2.5 mm
260 +0
°C*
250 +0
°C*
245 +0
°C*
≥2.5 mm
250 +0
°C*
245 +0
°C*
245 +0
°C*
* Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the stated
classification temperature (this means Peak reflow temperature +0
°C. For example 260°C+0°C) at the rated MSL
level.
Customer Service
Table 1. SnPb Eutectic Process – Package Peak Reflow Temperatures
Package Thickness
Volume mm
3
<350
Volume mm
3
≥350
<2.5 mm
240 +0/-5
°C
225 +0/-5
°C
≥2.5 mm
225 +0/-5
°C
225 +0/-5
°C
Classification Reflow Profiles (Cont.)
Anpec Electronics Corp.
Head Office :
No.6, Dusing 1st Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
2F, No. 11, Lane 218, Sec 2 Jhongsing Rd.,
Sindian City, Taipei County 23146, Taiwan
Tel : 886-2-2910-3838
Fax : 886-2-2917-3838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com