Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9268 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9268
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9268 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9268 Datasheet HTML 1Page - Anpec Electronics Coropration APX9268 Datasheet HTML 2Page - Anpec Electronics Coropration APX9268 Datasheet HTML 3Page - Anpec Electronics Coropration APX9268 Datasheet HTML 4Page - Anpec Electronics Coropration APX9268 Datasheet HTML 5Page - Anpec Electronics Coropration APX9268 Datasheet HTML 6Page - Anpec Electronics Coropration APX9268 Datasheet HTML 7Page - Anpec Electronics Coropration APX9268 Datasheet HTML 8Page - Anpec Electronics Coropration APX9268 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2008
www.anpec.com.tw
2
APX9268
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Rating
Unit
VCC
VCC Pin Maximum Supply Voltage
7
V
IOUT
Output Pin Maximum Output Current
1
A
VOUT
Output Pin Output Supply Voltage
7
V
IHB
HB Pin Maximum Output Current
10
mA
VFG
FG Pin Maximum Output Voltage
7
V
IFG
FG Pin Maximum Output Current
10
mA
RTH, JA
Thermal Resistance-Junction to Ambient MSOP8
225
°C/W
PD
Power Dissipation
(Note1)
0.585
W
TJ
Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature
-65 to 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Recommended Operating Conditions
Symbol
Parameter
Ratings
Unit
VCC
VCC Pin Supply Voltage
2 to 5.5
V
VHall
Hall Input Voltage Range
0.4 to Vcc-1.1
V
TA
Ambient Temperature
-40 to 105
°C
Electrical Characteristics (V
CC=5V, TA=25°C)
APX9268
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VHB
Hall Bias Voltage
IHB = 0 ~ 5mA
1.1
1.3
1.5
V
ICC1
Rotation Mode
-
3.5
5
mA
ICC2
Supply Current
Lock Protection Mode
-
3.5
5
mA
VHOFS
Input Offset Voltage
-
-
±6
mV
GIO
Input – Output Gain
45
48
51
dB
TON
Lock Detection On Time
0.35
0.5
0.65
sec
TOFF
Lock Detection Off Time
3.5
5
6.5
sec
VOL
Output Lower Side Voltage
IOUT = 250mA
-
0.15
0.22
V
VOH
Output Upper Side Voltage
IOUT = 250mA
-
0.15
0.22
V
VFG
FG Pin Low Voltage
IFG = 3mA
-
0.2
0.3
V
IFG
FG Pin Leak Current
VFG = 5V
-
-
1
µA
Note1: Mounted on a board (60x38x1.6t mm, Glass epoxy)
Note2: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com