Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX9268 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APX9268
Description  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9268 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APX9268 Datasheet HTML 1Page - Anpec Electronics Coropration APX9268 Datasheet HTML 2Page - Anpec Electronics Coropration APX9268 Datasheet HTML 3Page - Anpec Electronics Coropration APX9268 Datasheet HTML 4Page - Anpec Electronics Coropration APX9268 Datasheet HTML 5Page - Anpec Electronics Coropration APX9268 Datasheet HTML 6Page - Anpec Electronics Coropration APX9268 Datasheet HTML 7Page - Anpec Electronics Coropration APX9268 Datasheet HTML 8Page - Anpec Electronics Coropration APX9268 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2008
www.anpec.com.tw
3
APX9268
APX9268
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VHYS
Input Hysteresis Voltage
±5
±10
±15
mV
Over Temperature Shutdown
-
175
-
Over Temperature Shutdown
Hysteresis
-
25
-
°C
Input
Output
IN-
IN+
OUT1
OUT2
FG
Mode
L
H
H
L
L
H
L
L
H
OFF
Operation Mode
H
L
L
L
OFF
L
H
L
L
L
Lock Protection Mode
Truth Table
Electrical Characteristics (Cont.) (V
CC=5V, TA=25°C)
Typical Operating Characteristics
FG Pin Low Voltage (V)
FG Pin Current vs. Low Voltage
VCC Supply Voltage (V)
VCC Supply Current vs. VCC Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1
2
3
4
5
6
Operation mode
Lock Protection Mode
0
1
2
3
4
5
6
7
8
9
10
0
0.2
0.4
0.6
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com