Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN06 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VN06
Description  ISO high side smart power solid state relay
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN06 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN06 Datasheet HTML 2Page - STMicroelectronics VN06 Datasheet HTML 3Page - STMicroelectronics VN06 Datasheet HTML 4Page - STMicroelectronics VN06 Datasheet HTML 5Page - STMicroelectronics VN06 Datasheet HTML 6Page - STMicroelectronics VN06 Datasheet HTML 7Page - STMicroelectronics VN06 Datasheet HTML 8Page - STMicroelectronics VN06 Datasheet HTML 9Page - STMicroelectronics VN06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical specifications
VN06
6/17
2
Electrical specifications
Figure 3.
Current and voltage conventions
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to Absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics sure
program and other relevant quality document.
INPUT
ICC
IIN
VIN
VCC
STATUS
ISTAT
VSTAT
GND
VCC
IOUT
VOUT
IGND
OUTPUT
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source breakdown voltage
60
V
IOUT
Output current (cont.) at Tc = 85°C
9
A
IR
Reverse output current at Tc = 85°C
-9
A
IIN
Input current
±10
mA
-VCC
Reverse supply voltage
-4
V
ISTAT
Status current
±10
mA
VESD
Electrostatic discharge (1.5 k
Ω, 100 pF)
2000
V
Ptot
Power dissipation at Tc = 85°C
27
W
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com