Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN06 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN06
Description  ISO high side smart power solid state relay
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN06 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN06 Datasheet HTML 4Page - STMicroelectronics VN06 Datasheet HTML 5Page - STMicroelectronics VN06 Datasheet HTML 6Page - STMicroelectronics VN06 Datasheet HTML 7Page - STMicroelectronics VN06 Datasheet HTML 8Page - STMicroelectronics VN06 Datasheet HTML 9Page - STMicroelectronics VN06 Datasheet HTML 10Page - STMicroelectronics VN06 Datasheet HTML 11Page - STMicroelectronics VN06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical specifications
VN06
8/17
Table 6.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.8
V
VIH
(1)
1.
The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor
calculated to not exceed 10 mA at the input pin.
Input high level voltage
2
V
VI(hyst.)
Input hysteresis voltage
0.5
V
IIN
Input current
VIN = 5 V
VIN = 2 V
VIN = 0.8 V
25
250
500
250
µA
µA
µA
VICL
Input clamp voltage
IIN = 10 mA
IIN = -10 mA
5.5
6
-0.7
-0.3
V
V
Table 7.
Protections and diagnostics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSTAT
Status voltage output low
ISTAT = 1.6 mA
0.4
V
VUSD
Under voltage shutdown
5
V
VSCL
Status clamp voltage
ISTAT = 10 mA
ISTAT = -10 mA
6
-0.7
V
V
IOV
Over current
RLOAD < 10 mΩ
-40
≤Tc ≤125 °C
60
A
IAV
Average current in short circuit
RLOAD < 10 mΩ;
Tc= 85 °C
1.4
A
IOL
Open load current level
5
80
180
mA
TTSD
Thermal shutdown temperature
140
°C
TR
Reset temperature
125
°C
VOL
(1)
1.
IOL(off) = (VCC -VOL)/ROL.
Open load voltage level
Off state (see Figure 4.)
2.5
3.75
5
V
t1(on)
(2)
2.
t1(on): minimum open load duration which acctivates the status output
Open load filtering time
1
5
10
ms
t1(off)
(3)
3.
t1(off): minimum load recovery time which desactivates the status output
Open load filtering time
1
5
10
ms
t2(off)
(4)
4.
t2(off): minimum on time after thermal shut down which desactivates status output
Open load filtering time
1
5
10
ms
tpovl
(5)
5.
tpovl tpol: ISO definition (see figure)
Status delay
(see Figure 5.)
5
10
µs
tpol
(5)
Status delay
(see Figure 5.)
50
700
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com