Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN06 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VN06
Description  ISO high side smart power solid state relay
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN06 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN06 Datasheet HTML 3Page - STMicroelectronics VN06 Datasheet HTML 4Page - STMicroelectronics VN06 Datasheet HTML 5Page - STMicroelectronics VN06 Datasheet HTML 6Page - STMicroelectronics VN06 Datasheet HTML 7Page - STMicroelectronics VN06 Datasheet HTML 8Page - STMicroelectronics VN06 Datasheet HTML 9Page - STMicroelectronics VN06 Datasheet HTML 10Page - STMicroelectronics VN06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VN06
Electrical specifications
7/17
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for VCC= 13V; -40°C<Tj<125°C, unless otherwise stated.
Table 3.
Thermal data
Symbol
Parameter
Max. value
Unit
Rthj-case
Thermal resistance junction-case
2.4
°C/W
Rthj-amb
Thermal resistance junction-ambient
60
°C/W
Table 4.
Power
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply voltage
5.5
13
26
V
In(1)
1.
The nominal current is the current at Tc = 85°C for battery voltage of 13V which produces a voltage drop of 0.5V.
Nominal current
Tc
= 85°C; VDS(on) < 0.5
1.9
A
Ron
On state resistance
IOUT = 1.9 A
IOUT = 1.9 A Tj = 25°C
0.18
0.36
Ω
Ω
IS
Supply current
Off state Tj
≥ 25 °C
On state
50
15
µA
mA
VDS(max) Maximum voltage drop
IOUT= 8.5A; Tc = 85°C
2.75
V
Table 5.
Switching (VCC=13V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time of
output current
IOUT = 1.9 A resistive load
Input rise time < 0.1 µs
20
µs
tr
Rise time of output
current
IOUT = 1.9 A resistive load
Input rise time < 0.1 µs
20
µs
td(off)
Turn-off delay time of
output current
IOUT = 1.9 A resistive load
Input rise time < 0.1 µs
25
µs
tf
Fall time of output
current
IOUT = 1.9 A resistive load
Input rise time < 0.1 µs
6µs
dVOUT/dt(on) Turn-on current slope
IOUT = 1.9 A
IOUT = IOV
0.08
0.5
1
A/µs
A/µs
dVOUT/dt(off) Turn-off current slope
IOUT = 1.9 A
IOUT = IOV
0.2
3
3
A/µs
A/µs
Vdemag
Inductive load clamp
voltage
IOUT = 1.9 A; L= 1mH
-24
-18
-14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com