Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN06
Description  ISO high side smart power solid state relay
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN06 Datasheet(HTML) 1 Page - STMicroelectronics

  VN06 Datasheet HTML 1Page - STMicroelectronics VN06 Datasheet HTML 2Page - STMicroelectronics VN06 Datasheet HTML 3Page - STMicroelectronics VN06 Datasheet HTML 4Page - STMicroelectronics VN06 Datasheet HTML 5Page - STMicroelectronics VN06 Datasheet HTML 6Page - STMicroelectronics VN06 Datasheet HTML 7Page - STMicroelectronics VN06 Datasheet HTML 8Page - STMicroelectronics VN06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2008
Rev 2
1/17
17
VN06
ISO high side smart power solid state relay
Features
■ Maximum continuous output current(a) : 9A @
Tc= 85°C
■ 5V logic level compatible input
■ Thermal shutdown
■ Under voltage protection
■ Open drain diagnostic output
■ Inductive load fast demagnetization
■ Very low standby power dissipation
Description
The VN06 is a monolithic device made using
STMicroelectronics Vertical Intelligent Power
technology, intended for driving resistive or
inductive loads with one side grounded. Built-in
thermal shutdown protects the chip from over
temperature and short circuit. The open Drain
diagnostic output indicates: open load in off state
and in on state, output shorted to VCC and
overtemperature. Fast demagnetization of
inductive loads is archieved by negative (-18V)
load voltage at turn-off.
Type
VDSS
RDS(on)
In
(1)
1.
In= nominal current according to ISO definition for high
side automotive switch.
VCC
VN06
60 V
0.18
Ω
1.9 A
26 V
a.
The maximum continuous output current is the current at
Tc = 85 °C for a battery voltage of 13V which does not activate
self protection.
PENTAWATT
Table 1.
Device summary
Package
Order codes
PENTAWATT
VN06
www.st.com


Similar Part No. - VN06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN06 STMICROELECTRONICS-VN06 Datasheet
191Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN06011Y STMICROELECTRONICS-VN06011Y Datasheet
191Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN06012Y STMICROELECTRONICS-VN06012Y Datasheet
191Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
logo
TEMIC Semiconductors
VN0605 TEMIC-VN0605 Datasheet
112Kb / 5P
N-Channel Enhancement-Mode MOS Transistors
logo
Vishay Siliconix
VN0605 VISHAY-VN0605 Datasheet
117Kb / 5P
N-Channel Enhancement-Mode MOS Transistors
Rev.C 08/08/94
More results

Similar Description - VN06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN03 STMICROELECTRONICS-VN03 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16B STMICROELECTRONICS-VN16B Datasheet
185Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN21 STMICROELECTRONICS-VN21 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN31 STMICROELECTRONICS-VN31 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN16B STMICROELECTRONICS-VN16B_04 Datasheet
209Kb / 14P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN16BSP STMICROELECTRONICS-VN16BSP_04 Datasheet
201Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN21 STMICROELECTRONICS-VN21_04 Datasheet
221Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VND05BSP STMICROELECTRONICS-VND05BSP_05 Datasheet
268Kb / 16P
Iso high side smart power solid state relay
24-Nov-2008
VND10BSPTR-E STMICROELECTRONICS-VND10BSPTR-E Datasheet
201Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN31-E STMICROELECTRONICS-VN31-E Datasheet
228Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com