Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2LB3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS2LB3
Description  switch-disconnector fuse body GS2 - TeSys GS - 3 poles - 160A - BS B1, B2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GS2LB3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS2LB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Environment
Standards
IEC 60269-1
IEC 60269-2
IEC 60947-3
Product certifications
ASEFA
LOVAG
LROS (Lloyds register of shipping)
IP degree of protection
IP20 with terminal cover conforming to IEC 60529
Ambient air temperature for operation
-20...70 °C
Ambient air temperature for operation
-20...70 °C operation
-40...80 °C storage
Fire resistance
850 °C fuse cover conforming to IEC 60695-2-1
960 °C body conforming to IEC 60695-2-1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com