Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2LB3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GS2LB3
Description  switch-disconnector fuse body GS2 - TeSys GS - 3 poles - 160A - BS B1, B2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GS2LB3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GS2LB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Product data sheet
Dimensions Drawings
GS2LB3
External Front and RH Side-mounted Operator
(1) Terminal cover.
(2) Rear access connector plates (option).
(3) 1 to 8 auxiliary contacts GS1AM1••.
(4) 1 to 2 auxiliary contacts GS1AF••.
(5) 1 auxiliary contact GS1AM1••: + 23.5 mm, 2 auxiliary contacts GS1AM1••: + 47 mm.
(6) 132 mm with 2 auxiliary contacts GS1AM1••.
In the following table the dimensions are provided in millimeters and in inches (in italic text).
GS2 a
b
b1
b2
b3
c
c1
E
min.
G
G1 H
J
J1
J2
Ø
M
M1 M2 P
P1 P2 P3 Q
Ø
F,
DB
3P 121
4.76
118
4.65
–
70
2.76
85
3.35
87
(5)
3.43
153
6.02
100
(5)
3.94
27
1.06
5.4
0.21
106
4.17
31
1.22
45
1.77
18
0.71
5
0.20
–
15
0.59
6
0.24
27
1.06
59
2.32
2
0.08
–
12
0.47
–
4P 148
5.83
118
4.65
–
70
2.76
85
3.35
87
(5)
3.43
153
6.02
100
(5)
3.94
27
1.06
5.4
0.21
106
4.17
31
1.22
45
1.77
18
0.71
5
0.20
–
15
0.59
6
0.24
27
1.06
59
2.32
2
0.08
–
12
0.47
–
G.
GB
3P 136
5.35
118
4.65
–
70
2.76
159
6.26
116.5(6)
4.59
145
5.71
125
4.92
32
1.26
5.4
0.21
106
4.17
36
1.42
50
1.97
18
0.71
5
0.20
–
15
0.59
6
0.24
32
1.26
59
2.32
2
0.08
–
12
0.47
–
4P 168
6.61
118
4.65
–
70
2.76
159
6.26
116.5(6)
4.59
145
5.71
125
4.92
32
1.26
5.4
0.21
106
4.17
36
1.42
50
1.97
18
0.71
5
0.20
–
15
0.59
6
0.24
32
1.26
59
2.32
2
0.08
–
12
0.47
–
J,
JB,
K
3P 148
5.83
162
6.38
268
10.55
125
4.92
141
5.55
116
(6)
4.57
187
7.36
135
5.31
36
1.42
5.4
0.21
127
5.00
40
1.57
54
2.13
18
0.71
5
0.20
141
5.55
41
1.61
8
0.31
36
1.42
62
2.44
2.5
0.10
19.5
0.77
20
0.79
8.5
0.33
4P 184
7.24
162
6.38
268
10.55
125
4.92
141
5.55
116
(6)
4.57
187
7.36
135
5.31
36
1.42
5.4
0.21
127
5.00
40
1.57
54
2.13
18
0.71
5
0.20
141
5.55
41
1.61
8
0.31
36
1.42
62
2.44
2.5
0.10
19.5
0.77
20
0.79
8.5
0.33
KK,
LL
3P 148
5.83
162
6.38
268
10.55
125
4.92
141
5.55
126.5
(6)
4.98
193
7.60
135
5.31
36
1.42
5.4
0.21
127
5.00
40
1.57
54
2.13
18
0.71
5
0.20
141
5.55
41
1.61
8
0.31
36
1.42
62
2.44
2.5
0.10
19.5
0.77
20
0.79
8.5
0.33
4P 184
7.24
162
6.38
268
10.55
125
4.92
141
5.55
126.5
(6)
4.98
193
7.60
135
5.31
36
1.42
5.4
0.21
127
5.00
40
1.57
54
2.13
18
0.71
5
0.20
141
5.55
41
1.61
8
0.31
36
1.42
62
2.44
2.5
0.10
19.5
0.77
20
0.79
8.5
0.33
L,
LB,
LLB
3P 190
7.48
162
6.38
268
10.55
125
4.92
174
6.85
136.5
5.37
229
9.02
145
5.71
50
1.97
5.4
0.21
140
5.51
54
2.13
64
2.52
18
0.71
5
0.20
141
5.55
41
1.61
8
0.31
50
1.97
62
2.44
2.5
0.10
19.5
0.77
20
0.79
8.5
0.33
4P 240
9.45
162
6.38
268
10.55
125
4.92
174
6.85
136.5
5.37
229
9.02
145
5.71
50
1.97
5.4
0.21
140
5.51
54
2.13
64
2.52
18
0.71
5
0.20
141
5.55
41
1.61
8
0.31
50
1.97
62
2.44
2.5
0.10
19.5
0.77
20
0.79
8.5
0.33



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com