Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2LB3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GS2LB3
Description  switch-disconnector fuse body GS2 - TeSys GS - 3 poles - 160A - BS B1, B2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GS2LB3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS2LB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
GS2 a
b
b1
b2
b3
c
c1
E
min.
G
G1 H
J
J1
J2
Ø
M
M1 M2 P
P1 P2 P3 Q
Ø
MMB,
NB,
N
3P 234
9.21
195
7.68
345
13.58
125
4.92
185
7.28
146
5.75
251
9.88
154
6.06
60
2.36
6.4
0.25
162
6.38
64
2.52
86
3.39
25
0.98
6
0.24
166
6.54
52
2.05
17
0.67
60
2.36
84
3.31
2.5
0.10
19.5
0.77
32
1.26
11
0.43
4P 294
11.57
195
7.68
345
13.58
125
4.92
185
7.28
146
5.75
251
9.88
154
6.06
60
2.36
6.4
0.25
162
6.38
64
2.52
86
3.39
25
0.98
6
0.24
166
6.54
52
2.05
17
0.67
60
2.36
84
3.31
2.5
0.10
19.5
0.77
32
1.26
11
0.43
PPB,
QQB,
QQ
3P 252
9.92
205
8.07
355
13.98
125
4.92
200
7.87
149
5.87
260
10.24
157
6.18
66
2.60
6.4
0.25
172
6.77
70
2.76
91
3.58
25
0.98
6
0.24
175
6.89
54
2.13
14.5
0.57
66
2.60
84
3.31
3
0.12
20
0.79
50
1.97
11
0.43
4P 318
12.52
205
8.07
355
13.98
125
4.92
200
7.87
149
5.87
260
10.24
157
6.18
66
2.60
6.4
0.25
172
6.77
70
2.76
91
3.58
25
0.98
6
0.24
175
6.89
54
2.13
14.5
0.57
66
2.60
84
3.31
3
0.12
20
0.79
50
1.97
11
0.43



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com