Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2LB3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS2LB3
Description  switch-disconnector fuse body GS2 - TeSys GS - 3 poles - 160A - BS B1, B2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GS2LB3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS2LB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2LB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10/8/2011
1
Product data sheet
Characteristics
GS2LB3
switch-disconnector fuse body GS2 - TeSys
GS - 3 poles - 160A - BS B1, B2
Main
Range of product
TeSys GS
Device short name
GS2L
Fuse type
BS
Fuse size
B1
B2
Product or component
type
Fuse switch disconnector body
Poles description
3P
Network type
AC
DC
Type of operating
handle
External frontal
External right side
[Ith] conventional free
air thermal current
160 A at 40 °C
Complementary
Network frequency
50/60 Hz
Mounting support
Plate
Rail
[Ui] rated insulation voltage
750 V AC 50/60 Hz
[Uimp] rated impulse withstand voltage
8 kV
Short-circuit withstand
20 kA
[Ie] rated operational current
125 A at 440 V 2 poles in series per phase DC-23A
125 A at 440 V 2 poles in series per phase DC-23B
125 A at 690 V AC-23A
125 A at 690 V AC-23B
160 A at 400 V AC-23A
160 A at 400 V AC-23B
160 A at 500 V AC-23A
160 A at 500 V AC-23B
Rated operational power in W
110 kW at 500 V AC-23A
110 kW at 500 V AC-23B
110 kW at 690 V AC-23A
110 kW at 690 V AC-23B
80 kW at 400 V AC-23A
80 kW at 400 V AC-23B
Making capacity
1600 A at 400 V (AC-23B
[Icm] rated short-circuit making capacity
160 kA rating of associated fuses
80 kA at 400 V with protection by gl fuses
Breaking capacity
1280 kA at 400 V AC-23B
Mechanical durability
10000 cycles
Electrical durability
1000 cycles on AC-23A
1000 cycles on AC-23B
200 cycles on DC-23A
200 cycles on DC-23B
Connections - terminals
Power circuit: bars cable 20 mm²
Power circuit: cable cable 50...95 mm²
Tightening torque
Power circuit: 12 N.m
Height
190 mm
Width
162 mm
Depth
136.5 mm
Product weight
1.8 kg


Similar Part No. - GS2LB3

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
GS2LC106D KOA-GS2LC106D Datasheet
102Kb / 3P
high voltage high resistance thick film resistors
GS2LC106D KOA-GS2LC106D Datasheet
269Kb / 2P
high voltage high resistance thick film resistors
GS2LC106F KOA-GS2LC106F Datasheet
102Kb / 3P
high voltage high resistance thick film resistors
GS2LC106F KOA-GS2LC106F Datasheet
269Kb / 2P
high voltage high resistance thick film resistors
GS2LC106G KOA-GS2LC106G Datasheet
102Kb / 3P
high voltage high resistance thick film resistors
More results

Similar Description - GS2LB3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS2TU3 SCHNEIDER-GS2TU3 Datasheet
177Kb / 2P
TeSys GS - switch-disconnector-fuse - 3 P - UL 800 A - fuse size J
Jul 18, 2021
GS2SU3 SCHNEIDER-GS2SU3 Datasheet
177Kb / 2P
TeSys GS - switch-disconnector-fuse - 3 P - UL 600 A - fuse size J
Jul 18, 2021
GS2QU3N SCHNEIDER-GS2QU3N Datasheet
132Kb / 2P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 400 A- fuse size J
Jul 18, 2021
GS2MU3N SCHNEIDER-GS2MU3N Datasheet
140Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 200 A- fuse size J
Jul 18, 2021
GS2EU3N SCHNEIDER-GS2EU3N Datasheet
181Kb / 2P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 30 A- fuse size J
Jul 18, 2021
VN12 SCHNEIDER-VN12_V01 Datasheet
143Kb / 3P
TeSys Mini-VARIO - Switch body for switch-disconnector - 3 poles - 12 A
Jun 13, 2022
GS2MU3N SCHNEIDER-GS2MU3N_V01 Datasheet
372Kb / 4P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 200 A- fuse size J
Jun 30, 2022
GS2QU3N SCHNEIDER-GS2QU3N_V01 Datasheet
146Kb / 3P
TeSys GS - switch-disconnector-fuse - - 3 P - UL - 400 A- fuse size J
Jun 30, 2022
GS2SU3 SCHNEIDER-GS2SU3_V01 Datasheet
190Kb / 2P
TeSys GS - switch-disconnector - fuse - 3 P - UL - 600 A- fuse size J
Jun 30, 2022
GS2TU3 SCHNEIDER-GS2TU3_V01 Datasheet
191Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 800 A- fuse size J
Jun 30, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com